Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6214EC5-2-7/TR Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6214EC5-2-7/TR
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6214EC5-2-7/TR Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6214EC5-2-7/TR Datasheet HTML 2Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 3Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 4Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 5Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 6Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 7Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 8Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 9Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: 12/13/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 5 PIN SC-70
D
E
E/2
e1
3
2
1
b
e
E1
E1/2
5
4
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E1/2)
TOP VIEW
(L1)
D/2
FRONT VIEW
L
ø1
Gauge Plane
L2
c
R
R1
ø1
ø
Seating
Plane
SIDE VIEW
A
A1
A2
Seating
Plane
MIN
NOM
MAX
MIN
NOM
MAX
A-
-
1.10-
-
0.043
A1
0.00
-
0.10
0.000
-
0.004
A2
0.70
0.90
1.00
0.028
0.036
0.039
c0.08
-
0.22
0.004
-
0.009
D
E
E1
L0.26
0.36
0.46
0.011
0.014
0.018
L1
L2
R0.10
-
-
0.004
-
-
R1
0.10
-
0.25
0.004
-
0.010
Ø0˚
4º
8º0˚
4º
8º
Ø1
4˚
-
12º
4˚
-
12º
b0.15
-
0.30
0.006
-
0.012
e
e1
1.25 BSC
5 Pin SC-70
JEDEC MO-203
Variation AA
SYMBOL
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
0.026 BSC
0.051 BSC
0.017 REF
0.006 BSC
SIPEX Pkg Signoff Date/Rev:
JL Oct3-05 / Rev A
2.00 BSC
0.65 BSC
0.42 REF
0.15 BSC
2.10 BSC
1.30 BSC
0.079 BSC
0.083 BSC
0.049 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com