Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX1587 Datasheet(PDF) 6 Page - Exar Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1587 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SPX1587 Datasheet HTML 2Page - Exar Corporation SPX1587 Datasheet HTML 3Page - Exar Corporation SPX1587 Datasheet HTML 4Page - Exar Corporation SPX1587 Datasheet HTML 5Page - Exar Corporation SPX1587 Datasheet HTML 6Page - Exar Corporation SPX1587 Datasheet HTML 7Page - Exar Corporation SPX1587 Datasheet HTML 8Page - Exar Corporation SPX1587 Datasheet HTML 9Page - Exar Corporation SPX1587 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
S
SP
PX
X1
15
58
87
7
3
3A
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
6/11
Rev. 2.0.0
thermal resistance of the SPX1587. The actual
thermal resistance can be determined with
experimentation.
The SPX1587 power dissipation is calculated
as follows:
Maximum Junction Temperature range:
Where θJA is the junction-to-ambient thermal
resistance of the package.
Maximum junction temperature must not
exceed 125°C.
RIPPLE REJECTION
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 11. When ADJ pin bypassing
is used, the value of the output capacitor
required increases to its maximum. If the ADJ
pin is not bypassed, the value of the output
capacitor can be lowered to 22μF for an
electrolytic aluminum capacitor or 10μF for a
solid tantalum capacitor (Fig 10).
However
the
value
of
the
ADJ-bypass
capacitor should be chosen with respect to the
following equation:
1
6.28
Where
C = value of the capacitor in Farads (select an
equal or larger standard value)
FR= ripple frequency in Hz
R1= value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the
amplitude of the output ripple will be
independent of the output voltage. If an ADJ-
bypass capacitor is not used, the output ripple
will be proportional to the ratio of the output
voltage to the reference voltage:
Where
M = multiplier for the ripple seen when the
ADJ pin is optimally bypassed.
VREF=1.25V
Ripple rejection for the adjustable version is
showing in Figure 8.
OUTPUT VOLTAGE
The output of the adjustable regulator can be
set to any voltage between 1.25V and 15V.
The value of VOUT can be quickly approximated
using the formula
1.25
Small correction to this formula is required de-
pending on the values of resistors R1 and R2,
since the adjustable pin current (approx 50μA)
flows through R2. When IADJ is taken into
account, the formula becomes
1
Where
VREF=1.25V
LAYOUT CONSIDERATIONS
Parasitic line resistance can degrade load
regulation. In order to avoid this, connect R1
directly to VOUT as illustrated in Figure 13. For
the same reason, R2 should be connected to
the negative side of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com