Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPLL-L Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # HMPLL-L
Description  Connectorized Phase Locked Synthesizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

HMPLL-L Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  HMPLL-L Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HMPLL-L series
Outline Drawing
HMPLL55AL-10k
50-60
10±2
10
<15
-30
-75
-110/-130
+5/50
HMPLL105AL-20k
100-110
10±2
20
<30
-30
-75
-112/-133
+5/50
HMPLL140AL-20k
135-145
10±2
20
<30
-25
-75
-113/-135
+5/50
HMPLL150AL-20k
145-155
10±2
20
<30
-25
-75
-113/-135
+5/50
HMPLL290AL-20k
285-295
10±2
20
<30
-25
-75
-113/-135
+5/50
HMPLL385BL-25k
380-390
12±2
25
<15
-20
-75
-111/-132
+5/60
HMPLL615BL-25k
610-620
13±2
25
<15
-20
-75
-111/-132
+5/60
HMPLL755BL-30k
730-780
13±2
30
<15
-20
-75
-108/-128
+5/60
HMPLL836BL-30k
824-849
12±2
30
<15
-20
-75
-108/-128
+5/60
HMPLL881BL-30k
869-894
12±2
30
<15
-20
-75
-109/-129
+5/60
HMPLL1015BL-30k
990-1040
12±2
30
<15
-20
-75
-108/-128
+5/60
HMPLL1620BL-50k
1590-1650
12±2
50
<15
-30
-75
-102/-122
+5/70
HMPLL1810BL-50k
1780-1840
12±2
50
<15
-30
-75
-103/-123
+5/70
HMPLL2140BL-200k
2110-2170
10±2
200
<6
-30
-75
-90/-117
+5/70
HMPLL2280BL-50k
2240-2320
10±2
50
<15
-30
-75
-101/-121
+5/70
HMPLL2386BL-200k
2341-2431
10±2
200
<5
-30
-75
-92/-120
+5/70
HMPLL2650CL-200k
2600-2700
10±2
200
<5
-30
-75
-92/-117
+5/75
HMPLL2800CL-200k
2700-2900
10±2
200
<5
-30
-75
-92/-117
+5/75
HMPLL3250CL-250k
3200-3300
10±2
250
<5
-30
-75
-92/-117
+5/75
HMPLL3550EL-250k
3500-3600
10±2
250
<5
-30
-75
-90/-115
+5/90
HMPLL4450EL-500k
4400-4500
10±2
500
<5
-30
-75
-90/-113
+5/90
HMPLL5150EL-500k
5100-5200
10±2
500
<5
-30
-75
-85/-111
+5/90
HMPLL5800EL-1M
5750-5850
10±2
1000
<5
-30
-70
-85/-110
+5/90
HMPLL7200FL-500k
7160-7240
7±2
500
<5
-30
-70
-82/-108
+5/90
@10/100kHz
MHz
dBm
dBc
dBc/Hz
2nd
kHz
mS
dBc
Vcc/Im
V/mA
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
☆
HMPLL0810BL-50K
09.40
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Connectorized Phase Locked Synthesizer
l
l
l
Connectorized Package 35*26*10mm
SMA connector Input/Output
Frequency range50~7500MHz, Relative Bandwidth up to 20%
Features
Part number
Frequency
Power
output
Step
size
Switching
time
Harmonic
output
Spurious
output
Phase noise
69


Similar Part No. - HMPLL-L

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
HMP09H ASSMANN-HMP09H Datasheet
235Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
logo
Hynix Semiconductor
HMP112F7EFR8C-S5 HYNIX-HMP112F7EFR8C-S5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D3 HYNIX-HMP112F7EFR8C-S6D3 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMPLL-L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-BW BOWEI-MPLL-BW Datasheet
127Kb / 1P
Broadband phase locked synthesizer
MPLL-A BOWEI-MPLL-A Datasheet
124Kb / 1P
Phase locked synthesizer
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
SMT X band phase locked synthesizer
HMPS-L BOWEI-HMPS-L Datasheet
87Kb / 1P
Connectorized fixed frequency Synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com