Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0630CDMCDDS Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0630CDMCDDS
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCDDS Datasheet(HTML) 2 Page - Sumida Corporation

  0630CDMCDDS Datasheet HTML 1Page - Sumida Corporation 0630CDMCDDS Datasheet HTML 2Page - Sumida Corporation 0630CDMCDDS Datasheet HTML 3Page - Sumida Corporation 0630CDMCDDS Datasheet HTML 4Page - Sumida Corporation 0630CDMCDDS Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Power Inductor
0630CDMCD/DS
Electrical Characteristics
Part No.
Stamp
Inductance
[Within]
(µH)
※1
D.C.R
(m )
Max.(Typ.)
at 25
℃
Saturation
Current
(A)
Max.(Typ.)
(at 25
℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
0630CDMCDDS-R10MC
R10
0.10
±20%
1.7(1.5)
52.5(61.8)
32.5
0630CDMCDDS-R20MC
R20
0.20
±20%
3.0(2.4)
41.0(51.0)
24.0
0630CDMCDDS-R22MC
R22
0.22
±20%
3.2(2.5)
40.0(47.5)
23.0
0630CDMCDDS-R33MC
R33
0.33
±20%
3.9(3.5)
30.0(35.5)
20.0
0630CDMCDDS-R47MC
R47
0.47
±20%
4.2(4.0)
24.6(29.0)
19.5
0630CDMCDDS-R56MC
R56
0.56
±20%
5.0(4.7)
23.8(28.0)
18.8
0630CDMCDDS-R68MC
R68
0.68
±20%
5.5(5.0)
21.8(25.6)
18.0
0630CDMCDDS-R75MC
R75
0.75
±20%
6.2(5.4)
21.0(25.0)
17.5
0630CDMCDDS-R82MC
R82
0.82
±20%
8.0(6.7)
20.8(24.5)
16.0
Page 2 of 5
Revised: 16-Jul-15
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 80% of its initial value.
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃) Board conditions: FR4, Copper=70µm,four-layer PWB, t=1.6mm.
0630CDMCDDS-R82MC
R82
0.82
20%
8.0(6.7)
20.8(24.5)
16.0
0630CDMCDDS-1R0MC
1R0
1.0
±20%
10.0(9.0)
18.7(22.0)
13.0
0630CDMCDDS-1R2MC
1R2
1.2
±20%
12.0(10.0)
17.8(20.9)
12.5
0630CDMCDDS-1R5MC
1R5
1.5
±20%
15.0(14.0)
17.4(20.5)
10.2
0630CDMCDDS-2R0MC
2R0
2.0
±20%
18.0(16.0)
14.8(17.5)
9.5
0630CDMCDDS-2R2MC
2R2
2.2
±20%
20.0(18.0)
14.4(17.0)
9.2
0630CDMCDDS-2R5MC
2R5
2.5
±20%
22.0(20.0)
12.0(14.0)
7.8
0630CDMCDDS-3R3MC
3R3
3.3
±20%
30.0(28.0)
11.5(13.5)
6.3
0630CDMCDDS-4R7MC
4R7
4.7
±20%
40.0(37.0)
10.5(12.3)
5.5
0630CDMCDDS-6R8MC
6R8
6.8
±20%
60.0(54.0)
7.2(8.5)
4.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com