Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

29112LPSTJRF Datasheet(PDF) 1 Page - CTS Corporation

Part # 29112LPSTJRF
Description  SMD DIP Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

29112LPSTJRF Datasheet(HTML) 1 Page - CTS Corporation

  29112LPSTJRF Datasheet HTML 1Page - CTS Corporation 29112LPSTJRF Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Function
SPST- 2 through 10 and 12 positions
Switch Contact Resistance
25 milliohms maximum initial
50 milliohms maximum at the end of life
Insulation Resistance
1,000 megohms minimum between
insulated terminals
Dielectric Strength
500 VDC for 1 minute between
adjacent switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5 pF maximum between adjacent closed switches
Operating Temperature
- 55°C to +85°C
Actuation Life
2,000 cycles switching 100 mA @ 20 VDC or
0.1 mA @ 5 VDC (dry circuit)
Coplanarity
0.10mm (.004") maximum
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G’s between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1
microsecond.
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies greater
than 1 microsecond.
Sealing
Standard bottom seal
Optional top tape seal
Marking
Special marking available consult CTS.
Surface Mount
DIP Switch —
Auto Placeable
Features
Optimized Mechanical Features
• Removable tape seal to withstand IR vapor phase
or wave soldering temperatures, and board washing
• Positive detent separate from contactor
• Gull-wing and "J" lead terminal configurations
Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation
Premium Materials
• Gold plated beryllium copper contacts
Electrical and Mechanical Specifications
• Tube or tape and reel packaging available
• Available low profile, medium, and extended height
actuators
• RoHS compliant
Allowable Solder Time
Up to 60 seconds at 260°C
Packaging
1 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
12/30/08
CTS Electrocomponents
www.ctscorp.com
Standard : Anti-static tube packaging
Optional : Tape and reel packaging
®
Electrocomponents
Series 219 Data Sheet
Data Sheet
SMD DIP Switch
• High temperature materials (UL94V-0)


Similar Part No. - 29112LPSTJRF

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2911220000 WEIDMULLER-2911220000 Datasheet
450Kb / 4P
CH-W-S-A22-P7.5-E
2911260000 WEIDMULLER-2911260000 Datasheet
483Kb / 5P
CH-W-S-A22-P7.5-V
More results

Similar Description - 29112LPSTJRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDHH BOURNS-SDHH Datasheet
156Kb / 2P
Half Pitch SMD DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
CTS Corporation
218-8LPST CTS-218-8LPST Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
204121ESTRN CTS-204121ESTRN Datasheet
420Kb / 4P
SMD DIP SWITCH
218-12LPSTJRF CTS-218-12LPSTJRF_16 Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
logo
CTS Corporation
218-2LPS CTS-218-2LPS Datasheet
1Mb / 6P
Half Pitch, SMD DIP Switch
2020-7-1 Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com