Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM723E/883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM723E/883
Description  Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723E/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM723E/883 Datasheet HTML 1Page - Texas Instruments LM723E/883 Datasheet HTML 2Page - Texas Instruments LM723E/883 Datasheet HTML 3Page - Texas Instruments LM723E/883 Datasheet HTML 4Page - Texas Instruments LM723E/883 Datasheet HTML 5Page - Texas Instruments LM723E/883 Datasheet HTML 6Page - Texas Instruments LM723E/883 Datasheet HTML 7Page - Texas Instruments LM723E/883 Datasheet HTML 8Page - Texas Instruments LM723E/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM723QML
SNVS310A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1)
Pulse Voltage from V+ to V− (50 ms)
50V
Continuous Voltage from V+ to V−
40V
Input-Output Voltage Differential
40V
Maximum Amplifier Input
Either Input
8.5V
Voltage
Differential
5V
Current from VZ
25 mA
Current from VREF
15 mA
Internal Power Dissipation
Metal
Cavity DIP(2)
900 mW 800 mW
Can(2)
LCCC(2)
900 mW
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Maximum TJ
+150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 4 sec. max.)
300°C
Thermal Resistance
θJA
CDIP (Still Air)
100°C/W
CDIP (500LF/ Min Air flow)
61°C/W
Metal Can (Still Air)
156°C/W
Metal Can (500LF/ Min Air flow)
89°C/W
LCCC (Still Air)
96°C/W
LCCC (500LF/ Min Air flow)
70°C/W
θJC
CDIP
22°C/W
Metal Can
37°C/W
LCCC
27°C/W
ESD Tolerance(3)
500V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For specified specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is Pd = (TJMAX − TA)/θJA or the number given in
the Absolute Maximum Ratings, whichever is less. See derating curves for maximum power rating above 25°C.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Quality Conformance Inspection — MIL-STD-883, Method 5005 — Group A
Subgroup
Description
Temp ( °C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM723QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com