Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G34DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC1G34DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.48)
(0.78)
4X (0.42)
4X (0.22)
4X (0.26)
4X (0.06)
(
0.24)
(0.21)
TYP
(R
) TYP
0.05
X2SON - 0.4 mm max height
DPW0005A-C01
PLASTIC SMALL OUTLINE - NO LEAD
4221849/A 12/2014
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SN74LVC1GXX and SN74AUP1GXX
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD
92% PRINTED SOLDER COVERAGE BY AREA
SCALE:100X
SYMM
1
2
3
4
SYMM
EDGE
SOLDER MASK
5
16
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com