Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G86DCUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G86DCUT
Description  Dual 2-Input Exclusive-OR Gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G86DCUT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G86DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN74LVC2G86
www.ti.com
SCES360I – AUGUST 2001 – REVISED DECEMBER 2013
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V to 5.5
IOH = –100 µA
VCC – 0.1
VCC – 0.1
V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
1.65 V to 5.5
IOL = 100 µA
0.1
0.1
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
A or B inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
±10
µA
1.65 V to 5.5
ICC
VI = VCC or GND,
IO = 0
10
10
µA
V
One input at
Other inputs at
ΔICC
3 V to 5.5 V
500
500
µA
VCC – 0.6 V,
VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC2G86
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
4.1
9.9
2
5.7
1.6
4.7
1.4
3.6
ns
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC2G86
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
4.1
11.0
2
6.7
1.6
5.6
1.4
4.2
ns
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
20
20
20
22
pF
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC2G86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com