Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M39006/09 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button M39006/09 Datasheet HTML 12Page - Vishay Siliconix M39006/09 Datasheet HTML 13Page - Vishay Siliconix M39006/09 Datasheet HTML 14Page - Vishay Siliconix M39006/09 Datasheet HTML 15Page - Vishay Siliconix M39006/09 Datasheet HTML 16Page - Vishay Siliconix M39006/09 Datasheet HTML 17Page - Vishay Siliconix M39006/09 Datasheet HTML 18Page - Vishay Siliconix M39006/09 Datasheet HTML 19Page - Vishay Siliconix M39006/09 Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.vishay.com
25
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
Max. CAPACITANCE
CHANGE (%) at
Max. ESR
at + 25
°C
100kHz
(Ohms)
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/30-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR90, M39006/30-XXXX
+ 85
°C
+ 125
°C
1.99
1.99
1.99
1.58
1.58
1.58
0.99
0.99
0.99
1.11
1.11
1.11
0.73
0.73
0.73
0.65
0.65
0.65
0.50
0.50
100
100
100
60
60
60
40
40
40
25
25
25
20
20
20
25
25
25
20
20
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 40
- 44
- 44
- 44
- 44
- 44
- 44
- 64
- 64
- 64
- 80
- 80
4
.5
4.5
4.5
7.5
7.5
7.5
10.5
10.5
10.5
22.5
22.5
22.5
18.0
18.0
18.0
27.5
27.5
27.5
45.0
45.0
2.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
3.0
6.5
6.5
6.5
7.9
7.9
7.9
13.0
13.0
13.0
14.0
14.0
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0001
0002
0003
0004
0005
0006
0007
0008
0009
0010
0011
0012
0013
0014
0015
0016
0017
0018
0019
0020
0221
0222
0223
0224
0225
0226
0227
0228
0229
0230
0231
0232
0233
0234
0235
0236
0237
0238
0239
0240
0441
0442
0443
0444
0445
0446
0447
0448
0449
0450
0451
0452
0453
0454
0455
0456
0457
0458
0459
0460
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
30.0
30.0
30.0
68.0
68.0
68.0
140.0
140.0
140.0
270.0
270.0
270.0
330.0
330.0
330.0
560.0
560.0
560.0
1200.0
1200.0
25
25
25
56
56
56
120
120
120
220
220
220
290
290
290
430
430
430
850
850
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0021
0022
0023
0024
0025
0226
0027
0028
0029
0030
0031
0032
0033
0034
0035
0036
0037
0038
0039
0040
0241
0242
0243
0244
0245
0246
0247
0248
0249
0250
0251
0252
0253
0254
0255
0256
0257
0258
0259
0260
100
100
100
59
59
59
50
50
50
30
30
30
25
25
25
25
25
25
22
22
3.75
3.75
3.75
7.0
7.0
7.0
10.0
10.0
10.0
18.5
18.5
18.5
17.0
17.0
17.0
23.0
23.0
23.0
30.0
30.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
7.0
7.0
7.0
6.0
6.0
6.0
14.0
14.0
14.0
16.0
16.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
0461
0462
0463
0464
0465
0466
0467
0468
0469
0470
0471
0472
0473
0474
0475
0476
0477
0478
0479
0480
1.99
1.99
1.99
1.66
1.66
1.66
1.11
1.11
1.11
1.12
1.12
1.12
0.78
0.78
0.78
0.71
0.71
0.71
0.47
0.47
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 20
+ 25
+ 25
- 40
- 40
- 40
- 40
- 40
- 40
- 44
- 44
- 44
- 44
- 44
- 44
- 64
- 64
- 64
- 64
- 64
- 64
- 80
- 80
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
20
20
20
47
47
47
100
100
100
180
180
180
250
250
250
390
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
0041
0042
0043
0044
0045
0046
0047
0048
0049
0050
0051
0052
0053
0054
0055
0056
0261
0262
0263
0264
0265
0266
0267
0268
0269
0270
0271
0272
0273
0274
0275
0276
0481
0482
0483
0484
0485
0486
0487
0488
0489
0490
0491
0492
0493
0494
0495
0496
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
7.0
7.0
7.0
10.0
10.0
10.0
16.0
3.0
3.0
3.0
6.5
6.5
6.5
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
22.0
175
175
175
100
100
100
60
60
60
40
40
40
30
30
30
25
- 32
- 32
- 32
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 36
- 40
- 40
- 40
- 64
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
1.99
1.99
1.99
1.84
1.84
1.84
0.99
0.99
0.99
1.11
1.11
1.11
0.80
0.80
0.80
0.75
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com