Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M39006/22 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M39006/22
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/22 Datasheet(HTML) 4 Page - Vishay Siliconix

  M39006/22 Datasheet HTML 1Page - Vishay Siliconix M39006/22 Datasheet HTML 2Page - Vishay Siliconix M39006/22 Datasheet HTML 3Page - Vishay Siliconix M39006/22 Datasheet HTML 4Page - Vishay Siliconix M39006/22 Datasheet HTML 5Page - Vishay Siliconix M39006/22 Datasheet HTML 6Page - Vishay Siliconix M39006/22 Datasheet HTML 7Page - Vishay Siliconix M39006/22 Datasheet HTML 8Page - Vishay Siliconix M39006/22 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.vishay.com
13
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
STANDARD/EXTENDED RATINGS: CLR65*, M39006/09-XXXX
Max. CAPACITANCE
CHANGE (%) at
+ 125
°C
+ 85
°C
- 55
°C
R
0.01
M
1.0
CAPACITANCE
(
µF)
CASE
CODE
CAP.
TOL.
(
± %)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
Max. DCL (
µA)
at
+ 25
°C
PART NO. M39006/09-
FAILURE RATE LEVEL (%/1000 HR)
P
0.1
L
2.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8055
8056
8057
8058
8059
8060
8061
8062
8063
8064
8065
8066
8067
8068
8069
8070
8071
8072
8073
8074
8260
8261
8262
8263
8264
8265
8266
8267
8268
8269
8270
8271
8272
8273
8274
8275
8276
8277
8278
8279
8465
8466
8467
8468
8469
8470
8471
8472
8473
8474
8475
8476
8477
8478
8479
8480
8481
8482
8483
8484
8670
8671
8672
8673
8674
8675
8676
8677
8678
8679
8680
8681
8682
8683
8684
8685
8686
8687
8688
8689
15.0
15.0
15.0
33.0
33.0
33.0
70.0
70.0
70.0
120.0
120.0
120.0
170.0
170.0
170.0
270.0
270.0
270.0
540.0
540.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
7.0
7.0
7.0
10.0
10.0
10.0
16.0
16.0
16.0
24.0
24.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
6.0
6.0
5.7
5.7
5.7
12.5
12.5
12.5
13.1
13.1
13.1
36.8
36.8
36.8
25.4
25.4
25.4
60.9
60.9
60.9
49.0
49.0
155
155
155
90
90
90
75
75
75
50
50
50
35
35
35
30
30
30
23
23
- 24
- 24
- 24
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 32
- 32
- 32
- 56
- 56
- 56
- 80
- 80
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
10.0
10.0
10.0
22.0
22.0
22.0
100.0
100.0
100.0
180.0
180.0
180.0
350.0
350.0
8280
8281
8282
8283
8284
8285
8286
8287
8288
8289
8290
8291
8292
8293
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8075
8076
8077
8078
8079
8080
8081
8082
8083
8084
8085
8086
8087
8088
T1
T1
T1
T1
T1
T1
T2
T2
T2
T3
T3
T3
T4
T4
8690
8691
8692
8693
8694
8695
8696
8697
8698
8699
8700
8701
8702
8703
8485
8486
8487
8488
8489
8490
8491
8492
8493
8494
8495
8496
8497
8498
2.0
2.0
2.0
2.0
2.0
2.0
10.0
10.0
10.0
18.0
18.0
18.0
28.0
28.0
4.6
4.6
4.6
8.3
8.3
8.3
31.4
31.4
31.4
54.3
54.3
54.3
35.0
35.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
7.0
7.0
- 16
- 16
- 16
- 20
- 20
- 20
- 28
- 28
- 28
- 48
- 48
- 48
- 70
- 70
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 25
+ 25
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 25
+ 25
220
220
220
140
140
140
50
50
50
32
32
32
24
24
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
8.0
8.0
8.0
15.0
15.0
15.0
40.0
40.0
40.0
68.0
68.0
68.0
100.0
100.0
100.0
150.0
150.0
150.0
300.0
300.0
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8089
8090
8091
8092
8093
8094
8095
8096
8097
8098
8099
8100
8101
8102
8103
8104
8105
8106
8107
8108
8294
8295
8296
8297
8298
8299
8300
8301
8302
8303
8304
8305
8306
8307
8308
8309
8310
8311
8312
8313
8499
8500
8501
8502
8503
8504
8505
8506
8507
8508
8509
8510
8511
8512
8513
8514
8515
8516
8517
8518
8704
8705
8706
8707
8708
8709
8710
8711
8712
8713
8714
8715
8716
8717
8718
8719
8720
8721
8722
8723
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
4.5
4.5
4.5
9.1
9.1
9.1
12.2
12.2
12.2
31.0
31.0
31.0
19.0
19.0
19.0
46.0
46.0
46.0
35.0
35.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
8.0
8.0
8.0
12.0
12.0
12.0
18.0
18.0
18.0
32.0
32.0
275
275
275
175
175
175
65
65
65
60
60
60
40
40
40
35
35
35
25
25
- 16
- 16
- 16
- 20
- 20
- 20
- 24
- 24
- 24
- 24
- 24
- 24
- 28
- 28
- 28
- 48
- 48
- 48
- 60
- 60
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
* Style CLR65 is inactive for new military design. For new design use Style CLR79.
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com