Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC112ADBLE Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 14Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
D003
VCC 1.8 V
VCC 2.5 V
VCC 3.3 V
SN74LVC112A
www.ti.com
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
Typical Application (continued)
10.2.3 Application Curves
Figure 6. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μF is recommended. If there are multiple VCC pins, 0.01 μF or 0.022 μF is recommended for each
power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μF and
1
μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com