Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM6588MT/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6588MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM6588MT/NOPB Datasheet HTML 3Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 4Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 5Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 6Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 7Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 8Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 9Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 10Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
10
1k
100k
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
+PSRR
-PSRR
VS = 5V
10
1k
1M
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
+PSRR
-PSRR
VS = 16V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
0pF
30pF
10pF
0pF
VS = 5V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
0pF
30pF
10pF
0pF
VS = 16V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
85°C
-40°C
25°C
85°C
-40°C
VS = 16V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
GAIN
PHASE
85°C
-40°C
25°C
85°C
-40°C
VS = 5V
LM6588
www.ti.com
SNOSA77D – MAY 2003 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
Gain Phase
Gain Phase
vs.
vs.
Temperature (VS = 5V)
Temperature (VS = 16V)
Figure 2.
Figure 3.
Gain Phase
Gain Phase
vs.
vs.
Capacitive Loading (VS = 5V)
Capacitive Loading (VS = 16V)
Figure 4.
Figure 5.
PSRR (VS = 5V)
PSRR (VS = 16V)
Figure 6.
Figure 7.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com