Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1649 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1649
Description  Hex TRI-STATEE TTL to MOS Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1649 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1649 Datasheet HTML 1Page - National Semiconductor (TI) DS1649 Datasheet HTML 2Page - National Semiconductor (TI) DS1649 Datasheet HTML 3Page - National Semiconductor (TI) DS1649 Datasheet HTML 4Page - National Semiconductor (TI) DS1649 Datasheet HTML 5Page - National Semiconductor (TI) DS1649 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics (VCC e 5V TA e 25 C) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSg
Storage Delay Negative Edge
(
Figure 1 )CL e 50 pF
45
7
ns
CL e 500 pF
75
12
ns
tSg
Storage Delay Positive Edge
(
Figure 1 )CL e 50 pF
5
8
ns
CL e 500 pF
8
13
ns
tF
Fall Time
(
Figure 1 )CL e 50 pF
5
8
ns
CL e 500 pF
22
35
ns
tR
Rise Time
(
Figure 1 )CL e 50 pF
6
9
ns
CL e 500 pF
21
35
ns
tZL
Delay from Disable Input to Logical ‘‘0’’
CL e 50 pF
10
15
ns
Level (from High Impedance State)
RL e 2kX to VCC (Figure 2 )
tZH
Delay from Disable Input to Logical ‘‘1’’
CL e 50 pF
815
ns
Level (from High Impedance State)
RL e 2kX to GND (Figure 2 )
tLZ
Delay from Disable Input to High Impedance
CL e 50 pF
15
25
ns
State (from Logical ‘‘0’’ Level)
RL e 400X to VCC (Figure 3 )
tHZ
Delay from Disable Input to High Impedance
CL e 50 pF
10
25
ns
State (from Logical ‘‘1’’ Level)
RL e 400X to GND (Figure 3 )
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS1649 and DS1679 and across the 0 Cto
a
70 C range for the DS3649 and DS3679 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
When measuring output drive current and switching response for the DS1679 and DS3679 a 15X resistor should be placed in series with each output This
resistor is internal to the DS1649DS3649 and need not be added
AC Test Circuits and Switching Time Waveforms
tSg tS’ tR tF
TLF7515 – 4
TLF7515 – 5
FIGURE 1
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com