Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5028RF Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM5028RF
Description  RF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5028RF Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM5028RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PIN DESCRIPTION
NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PIN NAME
A0
A1
A2
A3
A4
A5
A6
A7
VSS
A8/D3
A9/D2
A10/D1
A11/D0
TE
OSC2
OSC1
Dout
VDD
I / O
I
I
I
I
I
I
I
I
POWER
I
I
I
I
I
O
I
O
POWER
FUNCTION
Page 3
Address input , each pin can be
set to "0' , "1".
Address/data input.
Negative power supply.
Enables transmission.
Resistor connected between
these two pins determine the
system clock.
Serial output of encoded signals.
Positive power supply.
V1.0
SM5028RF
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com