Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6084IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6084IM/NOPB
Description  LMC6084 Precision CMOS Quad Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6084IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6084IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6084IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LMC6084
SNOS657D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.3V, (V−)
−0.3V
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V+
See(3)
Output Short Circuit to V−
See(4)
Lead Temperature (Soldering, 10 Sec.)
260°C
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance(5)
2 kV
Current at Input Pin
±10 mA
Current at Output Pin
±30 mA
Current at Power Supply Pin
40 mA
Power Dissipation
See(6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
(6)
The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(Max) − TA) /θJA.
Operating Ratings
(1)
Temperature Range
LMC6084AM
−55°C ≤ TJ ≤ +125°C
LMC6084AI, LMC6084I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Thermal Resistance (
θJA)
(2)
14-Pin PDIP
81°C/W
14-Pin SOIC
126°C/W
Power Dissipation
See(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
All numbers apply for packages soldered directly into a PC board.
(3)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA. All
numbers apply for packages soldered directly into a PC board.
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6084AM
LMC6084AI
LMC6084I
Symbol
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
150
350
350
800
μV
1000
800
1300
Max
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Bias Current
0.010
pA
100
4
4
Max
IOS
Input Offset Current
0.005
pA
100
2
2
Max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com