Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMF100CIWMX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMF100CIWMX/NOPB
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMF100CIWMX/NOPB Datasheet HTML 19Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 20Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 21Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 22Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 23Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 24Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 25Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 26Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
OLP1
OLP2
H
1
R3
H
R2
= +
-
=
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Device Functional Modes (continued)
Table 1. Summary of Modes(1)
NUMBER
ADJUSTABLE
OF
MODE
BP
LP
HP
N
AP
NOTES
RESISTOR
fCLK/f0
S
1
*
*
*
3
No
HOBP1 = −Q
1a
HOLP = + 1
2
No
May need input buffer. Poor dynamics for high Q.
HOBP2 = + 1
1b
*
*
*
3
No
Useful for high-frequency applications.
Yes (above fCLK/50 or
2
*
*
*
3
fCLK/100)
Universal State-Variable Filter. Best general-purpose
3
*
*
*
4
Yes
mode.
3a
*
*
*
*
7
Yes
As above, but also includes resistor-tuneable notch.
Gives Allpass response with HOAP = − 1 and HOLP =
4
*
*
*
3
No
−2.
Gives flatter allpass response than above
5
*
*
*
4
Yes
if R1 = R2 = 0.02R4.
6a
*
*
3
Yes
Single pole.
6b
2
Yes
Single pole.
6c
*
*
3
No
Single pole.
7
2
Yes
Summing integrator with adjustable time constant.
(1)
Realizable filter types (that is, lowpass) denoted by asterisks (*). Unless otherwise noted, gains of various filter outputs are inverting and
adjustable by resistor ratios.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com