Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQ/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0366SQ/NOPB
Description  3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 24Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 25Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 26Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 27Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 28Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 29Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 30Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 31Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
24
EOM Control 3
7
FAST_EOM
R/W
0
Fast eye opening monitor mode.
0: Normal EOM mode.
1: Fast EOM mode. (In this
mode, the control software does
not need to configure the phase
and voltage DAC values as this
occurs automatically.)
6:5
RSVD
R/W
00
Reserved.
4
VEO_MAX_ERR
R
Vertical eye opening maximum
error. Following HEO/VEO
measurement, this error bit
indicates that no top or bottom of
the eye was found.
0: No error.
1: Error - no top or bottom of the
eye was found.
3
NO_OPENING_ERR
R
No eye opening error. Following
HEO/VEO measurement, this
error bit indicates that no eye
opening was found (i.e. there
was no point found at which
there were no hits).
0: No error.
1: Error - no eye opening was
found.
2
NO_HITS_ERR
R
No hits error. Following
HEO/VEO measurement, this
error bit indicates that there were
no points found at which there
was a hit.
0: No error.
1: Error - no hits found.
1
GET_HEO_VEO
R/W
0
Get horizontal and vertical eye
opening. Initiates measurement
of the horizontal eye opening and
vertical eye opening by the EOM
and clears itself once the
measurements are complete.
0: EOM HEO/VEO measurement
is inactive or complete.
1: EOM HEO/VEO measurement
active.
0
EOM_START
R/W
0
Eye opening monitor active.
Indicates that the EOM is actively
searching for hits at the current
phase/voltage DAC combination.
In normal EOM mode, setting this
bit starts the EOM counter. In
fast EOM mode, this bit is set
automatically. (This bit is self-
clearing.)
0: EOM inactive.
1: EOM active.
25
EOM Count Status 1
7:0
EOM_COUNT[15:8]
R
Eye opening monitor hits count,
bits 15:8. Upper byte of the
number of hits accumulated for
the previous EOM phase/voltage
DAC combination.
28
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com