Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75DP119RHHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP119RHHT
Description  DisplayPort 1:1 Signal Repeater and Signal Conditioner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP119RHHT Datasheet(HTML) 4 Page - Texas Instruments

  SN75DP119RHHT Datasheet HTML 1Page - Texas Instruments SN75DP119RHHT Datasheet HTML 2Page - Texas Instruments SN75DP119RHHT Datasheet HTML 3Page - Texas Instruments SN75DP119RHHT Datasheet HTML 4Page - Texas Instruments SN75DP119RHHT Datasheet HTML 5Page - Texas Instruments SN75DP119RHHT Datasheet HTML 6Page - Texas Instruments SN75DP119RHHT Datasheet HTML 7Page - Texas Instruments SN75DP119RHHT Datasheet HTML 8Page - Texas Instruments SN75DP119RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SN75DP119
SLLSE12A – NOVEMBER 2009 – REVISED JULY 2014
www.ti.com
Pin Functions, RHH Package
PIN
DESCRIPTION
NAME
NUMBER
I/O
MAIN LINK INPUT PINS
IN0p
2
DisplayPort Main Link Channel 0 Differential Input
IN0n
3
I [100Ω diff]
IN1p
5
DisplayPort Main Link Channel 1 Differential Input
IN1n
6
MAIN LINK OUTPUT PINS
OUT0p
26
DisplayPort Main Link Channel 0 Differential Output
OUT0n
25
O [100Ω diff]
OUT1p
23
DisplayPort Main Link Channel 1 Differential Output
OUT1n
22
CONTROL PINS
Enable. This input is a 3-level input. If the input is left open, the internal input biasing pulls the input level to
VCC/2. The input can also be pulled high or low externally. This allows to configure the device for 1-channel
mode, 2-channel mode or power down mode.
3-level Input
EN
14
[CMOS]
EN = HIGH: Device in Normal Mode, both outputs OUT1 and OUT2 are enabled;
EN = VCC/2 (input left floating): Device in Normal mode, 2nd output is disabled;
EN = LOW: Device in Power Down mode. All outputs are high-impedance; Inputs are ignored
Configures the output pre-emphasis level. This input is a 3-level input. If the input is left open, the internal
3-level Input
PRECTL
33
input biasing pulls the input level to VCC/2. The input can also be pulled high or low externally. This allows to
[CMOS]
configure the pre-emphasis for 3 different levels. See Table 1 for configuration details.
Configures the output amplitude VOD level. This input is a 3-level input. If the input is left open, the internal
3-level Input
VOD_CTL
31
input biasing pulls the input level to VCC/2. The input can also be pulled high or low externally. This allows to
[CMOS]
configure 3 different output swing amplitudes. See Table 1 for configuration details.
Configures the EQ input setting for both differential inputs. This input is a 3-level input. If the input is left
open, the internal input biasing pulls the input level to VCC/2. The input can also be pulled high or low
externally. This allows to configure the pre-emphasis for 3 different levels.
3-level Input
EQ_CTL
15
[CMOS]
EQ_CTL = LOW: 0dB (EQ turned off)
EQ_CTL = VCC/2 (input left floating): 3dB fixed
EQ EQ_CTL = HIGH (input tied to VCC): 6dB fixed EQ
SUPPLY AND GROUND PINS
VCC
4, 24
pwr
3.3V Supply
GND
1, 7, 21, 32
pwr
Ground
thermal pad
NC
8-13,16-20,
Not Connected
27-30, 34-36
Note: (H) Logic High: (L) Logic Low
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: SN75DP119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com