Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4MSD5V9545BLEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9545BLEX
Description  4 Channel I2C bus Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9545BLEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9545BLEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9545BLEX Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0039
PT0536-3
8/18/15
7
PI4MSD5V9545B/45C
4 Channel I2C bus Switch
with Interrupt Logic and Reset
Application
Figure 3. Typical Application
VCC
VPU1
VPU2
1.8V
1.5V-5.5V
1.2V-5.5V
2.5V
1.8V-5.5V
1.8V-5.5V
3.3V
2.7V-5.5V
2.7V-5.5V
5V
4.5V-5.5V
4.5V-5.5V
Note:
If the device generating the interrupt has an open-drain output structure or can be 3-stated, a pull-up resistor is required.
If the device generating the interrupt has a totem pole output structure and cannot be 3-stated, a pull-up resistor is not required.
The interrupt inputs should not be left floating.
Device addressing
Following a START condition, the bus master must output the address of the slave it is accessing. The address of
the PI4MSD5V9545B/45C is shown in Figure 4. To conserve power, no internal pull-up resistors are incorporated on
the hardware selectable address pins and they must be pulled HIGH or LOW.
I2C bus master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com