Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4MSD5V9547LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9547LE
Description  8 Channel I2C bus multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9547LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9547LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9547LE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0040
PT0544-2
8/18/15
7
PI4MSD5V9547
8 Channel I2C bus Multiplexer with Reset
Device addressing
Following a START condition the bus master must output the address of the slave it is accessing. The address of
the PI4MSD5V9547 is shown in Figure 4.
The last bit of the slave address defines the operation to be performed. When set to logic 1 a read is selected, while
a logic 0 selects a write operation.
Figure 4:Device address
Control register
Following the successful acknowledgement of the slave address, the bus master sends a byte to the
PI4MSD5V9547 which is stored in the Control register. If multiple bytes are received by the PI4MSD5V9547, it saves
the last byte received. This register can be written and read via the I2C-bus.
Figure 5: Control register
Control register definition
A SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This register is written
after the PI4MSD5V9547 has been addressed. The 4 LSBs of the control byte are used to determine which channel is
to be selected. When a channel is selected, the channel will become active after a STOP condition has been placed on
the I2C-bus. This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made active, so that no
false conditions are generated at the time of connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com