Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X2G304SLBFDEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI7C9X2G304SLBFDEX
Description  Packet Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X2G304SLBFDEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C9X2G304SLBFDEX Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pericom Semiconductor Corp.
www.pericom.com
Page 1 of 1
11/12/2014
PCI Express
® is a registered trademark of PCI-SIG® www.pcisig.org | SlimLine™ is a trademark of Pericom Semiconductor Corp.
Product:
Gen2 PCIe
® 3-Port/4-Lane SlimLineTM Packet Switch
Part Numbers:
PI7C9X2G304SL
Product Description
The PI7C9X2G304SL is a PCI Express® 2.1 3-port/4-lane PCI
Express SlimLine
TM Packet Switch specifically designed to meet
the
latest
low-power,
lead (Pb)-free
and
green
system
requirements. The PI7C9X2G304SL is a high-performance,
cost-effective solution that can be implemented in systems such
as Embedded system, Wii-Fi router/ gateway, Printer, Storage,
combo card, HBA, set-top box, motherboard, laptop, docking
station, and other power-sensitive high performance platforms.
The name of the family, SlimLine
TM, refers to Pericom’s
proprietary power-saving PowerSave
TM technology.
The PI7C9X2G304SL provides one x1 or x2 upstream port and
two x1 downstream ports. The PI7C9X2G304SL provides users
the flexibility to expand or fan-out from a wide range of I/O
Bridges such as PCH, ICH, IOH, embedded MCU, FPGA, and
other Application Specific ICs.
Industry Specifications Compliance
PCI Express
® Base Specification, Revision 2.1
PCI Express CEM Specification, Revision 2.0
PCI-to-PCI Bridge Architecture Spec., Rev 1.2
Advanced Configuration Power Interface (ACPI)
Specification
Features
PCISIG PCI Express 2.1 certificated
Integrated 100MHz Clock buffer for each downstream port
Reliability, Availability and Serviceability
o
Supports Data Poisoning and End-to-End CRC
o
Advanced Error Reporting and Logging
o
IEEE 1149.6 JTAG interface support
Link Power Management
o
Supports L0, L0s, L1, L2, L2/L3Ready and L3 link power
state
o
Active state power management for L0s and L1 state
Device State Power Management
o
Supports D0, D3Hot and D3Cold
o
3.3V Aux Power support in D3Cold power state
Supports up to 512-byte maximum payload size
Power Dissipation: 0.65 W typical in L0 normal mode and
0.2W typical in L1 mode
Industrial Temperature Range: -40
o to 85oC
MTBF: 50,927,360 hours
Package: 128-pin LQFP 14mm x 14mm
o
Pb free and 100% Green
Enhanced Features
Programmable Driver Current and De-Emphasis Level at
each individual port
150ns typical latency for packet running through switch
without blocking
Supports “Cut-through”(Default) as well as “Store and
Forward” mode for switching packets
Advanced Power Savings
o
Empty downstream ports are set to idle
o
Clock to corresponding circuit is turned off when any
port enters L1 or ASPM L1
o
Supports Access Control Service (ACS) for peer-to-
peer traffic
o
Supports Address Translation (AT) packet for SR-IOV
application
o
Supports Latency Tolerance Reporting (LTR) to
improve Platform Power Management
o
Supports Optimized Buffer Flush Fill (OBFF) to
improve Platform Power Management
Applications
Wireless AP/ Router
Wire/ Wireless Tele/ data communication
Embedded system
Set-top box and consumer devices
Industrial control
NAS/ Storage
Printer/ MFP
Peripheral
PCIe Surveillance and Combo cards
Notebook internal PCIe fan-out
PC Motherboard PCIe slot expansion
PI7C9X2G304SL – Application Example
Order Information
PART NUMBER
PACKAGE
PB-FREE
& GREEN
TEMPERATURE
PI7C9X2G304SLBFDEX
†
128 LQFP
YES
-40
oC TO 85oC
PI7C9X2G304SLBEVB-
X1U
Board
Evaluation kit for PI7C9X2G304SLB
with x1 PCIe uplink
PI7C9X2G304SLBEVB-
X2U
Board
Evaluation kit for PI7C9X2G304SLB
with x2 PCIe uplink
† Note: Adding an X suffix =Tape/Reel
Host
controller
x
xx
x1 or
1 or
1 or
1 or x
xx
x2
2
2
2 PCIe
PCIe
PCIe
PCIe2
2
2
2
PCIe
Endpoint
x1 PCIe
x1 PCIe
x1 PCIe
x1 PCIe2
2
2
2
PCIe
Endpoint
PI7C9X
2G304SL
14-0044


Similar Part No. - PI7C9X2G304SLBFDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X2G304SLBQ PERICOM-PI7C9X2G304SLBQ Datasheet
642Kb / 1P
PI7C9X2G304SLBQ
PI7C9X2G304SLBQEVB-X1U PERICOM-PI7C9X2G304SLBQEVB-X1U Datasheet
642Kb / 1P
PI7C9X2G304SLBQ
PI7C9X2G304SLBQEVB-X2U PERICOM-PI7C9X2G304SLBQEVB-X2U Datasheet
642Kb / 1P
PI7C9X2G304SLBQ
PI7C9X2G304SLBQFDEX PERICOM-PI7C9X2G304SLBQFDEX Datasheet
642Kb / 1P
PI7C9X2G304SLBQ
More results

Similar Description - PI7C9X2G304SLBFDEX

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
logo
Pericom Semiconductor C...
PI7C9X2G303EL PERICOM-PI7C9X2G303EL Datasheet
296Kb / 1P
Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G608EL PERICOM-PI7C9X2G608EL Datasheet
357Kb / 1P
Packet Switch
PI7C9X2G608GP PERICOM-PI7C9X2G608GP Datasheet
421Kb / 1P
Packet Switch
PI7C9X2G612GP PERICOM-PI7C9X2G612GP Datasheet
420Kb / 1P
Packet Switch
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com