Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDR10D48MNNP-120NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDR10D48MNNP-120NC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR10D48MNNP-120NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDR10D48MNNP-120NC Datasheet HTML 1Page - Sumida Corporation CDR10D48MNNP-120NC Datasheet HTML 2Page - Sumida Corporation CDR10D48MNNP-120NC Datasheet HTML 3Page - Sumida Corporation CDR10D48MNNP-120NC Datasheet HTML 4Page - Sumida Corporation CDR10D48MNNP-120NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR10D48MN
0
8
16
24
32
40
48
0
1
2
3
4
5
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
1
2
3
4
5
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
2
4
6
8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
10
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDR10D48MNNP-2R4NC
△T (℃)
L (
μH)
2. CDR10D48MNNP-3R6NC
△T (℃)
L (
μH)
3. CDR10D48MNNP-5R0NC
L (
μH)
DC (A)
5. CDR10D48MNNP-8R5NC
△T (℃)
L (
μH)
6. CDR10D48MNNP-100NC
DC (A)
7. CDR10D48MNNP-120NC
△T (℃)
L (
μH)
8. CDR10D48MNNP-150NC
△T (℃)
L (
μH)
DC (A)
9. CDR10D48MNNP-180NC
DC (A)
4. CDR10D48MNNP-6R6NC
△T (℃)
DC (A)
DC (A)
10. CDR10D48MNNP-220NC
△T (℃)
L (
μH)
DC (A)
11. CDR10D48MNNP-270NC
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)
12. CDR10D48MNNP-330NC
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com