Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDR10D48MNNP-3R6NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR10D48MNNP-3R6NC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR10D48MNNP-3R6NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDR10D48MNNP-3R6NC Datasheet HTML 1Page - Sumida Corporation CDR10D48MNNP-3R6NC Datasheet HTML 2Page - Sumida Corporation CDR10D48MNNP-3R6NC Datasheet HTML 3Page - Sumida Corporation CDR10D48MNNP-3R6NC Datasheet HTML 4Page - Sumida Corporation CDR10D48MNNP-3R6NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR10D48MN
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 10.3×10.3×5.0 mm Max.
• Product weight: 1.8g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in LCD Driver ,DSC/DVC,
Notebook PC etc as DC-DC converter
inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(2.4
μH~10μH) (12μH~120μH)
MAX.5.0(TYP.4.8)
±
10.0
±0.3
R4.1
1.7
R 3.7
C 1.4
6.0


Similar Part No. - CDR10D48MNNP-3R6NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR10D48MN SUMIDA-CDR10D48MN Datasheet
116Kb / 1P
POWER INDUCTORS
CDR10D48MN SUMIDA-CDR10D48MN Datasheet
252Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Similar Description - CDR10D48MNNP-3R6NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com