Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD720122F1-DN2 Datasheet(PDF) 21 Page - NEC

Part # UPD720122F1-DN2
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122F1-DN2 Datasheet(HTML) 21 Page - NEC

Back Button UPD720122F1-DN2 Datasheet HTML 17Page - NEC UPD720122F1-DN2 Datasheet HTML 18Page - NEC UPD720122F1-DN2 Datasheet HTML 19Page - NEC UPD720122F1-DN2 Datasheet HTML 20Page - NEC UPD720122F1-DN2 Datasheet HTML 21Page - NEC UPD720122F1-DN2 Datasheet HTML 22Page - NEC UPD720122F1-DN2 Datasheet HTML 23Page - NEC UPD720122F1-DN2 Datasheet HTML 24Page - NEC UPD720122F1-DN2 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet S16685EJ2V0DS
21
µPD720122
2.6.2
AC characteristics of BIU block with Function 1 selected
(1) CPU BUS read operation
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
Read cycle time
91
∞
ns
T2
Address setup time (RDB
↓)
5
∞
ns
T3
Chip select setup time (RDB
↓)
5
∞
ns
T4
Buffer direction change time (RDB
↓)
−
14
ns
T5
Output data delay time (RDB
↓)
−
57
ns
T6
Read command width
57
∞
ns
T7
Chip select hold time (RDB
↑)
5
∞
ns
T8
Address hold time (RDB
↑)
5
∞
ns
T9
RDB inactive time
34
∞
ns
T10
Output data hold time (RDB
↑)
4
−
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
CPU bus read timing
RDB
WRB
A7 to A1
D15 to D0
CSB
VALID
VALID
t3
t5
t6
t10
t8
t7
High level
INVALID
t4
High level
t1
t9
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com