Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3500E/2K Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E/2K
Description  VOICE/MODEM CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3500E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM3500E/2K Datasheet HTML 18Page - Texas Instruments PCM3500E/2K Datasheet HTML 19Page - Texas Instruments PCM3500E/2K Datasheet HTML 20Page - Texas Instruments PCM3500E/2K Datasheet HTML 21Page - Texas Instruments PCM3500E/2K Datasheet HTML 22Page - Texas Instruments PCM3500E/2K Datasheet HTML 23Page - Texas Instruments PCM3500E/2K Datasheet HTML 24Page - Texas Instruments PCM3500E/2K Datasheet HTML 25Page - Texas Instruments PCM3500E/2K Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
®
22
PCM3500
OUTPUT FILTER CIRCUITS FOR THE DAC
The PCM3500’s DAC uses delta-sigma conversion tech-
niques. It uses oversampling and noise shaping to improve
in-band (f = fS/2) signal-to-noise performance at the expense
of increased out-of-band noise. The DAC output must be
low-pass filtered to attenuate the out-of-band noise to a
reasonable level.
The PCM3500 includes a low-pass filter in the on-chip
output amplifier circuit. The frequency response for this
filter is shown in Figure 20. Although this filter helps to
lower the out-of-band noise, it is not adequate for many
applications. This is especially true for applications where
the sampling frequency is below 16kHz, since the out-of-
band noise above fS/2 is in the audio spectrum. An external
filter circuit, either passive or active, is required to provide
additional attenuation of the out-of-band noise. The low-
pass filter order will be dependent upon the out-of-band
noise requirements for a particular system. Generally, a 2nd-
order or better low-pass circuit will be required, with the
cut-off frequency set to fS/2 or less.
Burr-Brown Application Bulletin AB-034 provides infor-
mation for designing both Multiple Feedback and Sallen-
Key active filter circuits using software available from Burr-
Brown’s web site. Another excellent reference for both
passive and active filter design is the “Electronic Filter
Design Handbook, Third Edition” by Williams and Taylor,
published by McGraw-Hill.
ON-CHIP ANALOG FRONT END FOR THE ADC
The PCM3500 A/D converter includes a fully differential
input delta-sigma modulator. In order to simplify connection
for single-ended applications, an analog front end (AFE)
circuit has been included on the PCM3500 just prior to the
modulator. The AFE circuit is shown in Figure 21.
FIGURE 20. DAC Output Amplifier Filter Response.
FIGURE 21. On-Chip AFE Circuit for the ADC.
50k
Ω
V
IN
4
1
2
3
V
COM
V
REF1
V
REF2
Delta-Sigma
Modulator
(+)
(–)
Reference
+
+
1.0
µF
+
+
OUTPUT FILTER
STOPBAND FREQUENCY RESPONSE
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1k
10k
100k
1M
10M
OUTPUT FILTER
PASSBAND FREQUENCY RESPONSE
Frequency (Hz)
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
100
10
1
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com