Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6504MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
VG (V)
MIN
MAX
TYPICAL
VIN = 0.1V
MAX/MIN VALUE = ±5
SIGMA FROM TYPICAL
0
0.5
1
1.5
2
2.5
VG (V)
-15
-10
-5
0
5
10
25°C
85°C
-40°C
-0.5
0
0.5
1
1.5
VG (V)
2
-90
-80
-70
-60
-50
-40
30
-30
-20
-10
0
10
20
0
1
2
3
4
5
12
6
7
8
9
10
11
dB
(V/V)
-55°C
25°C
125°C
-55°C
25°C
125°C
-1.5
-1
-0.5
0
0.5
1
1.5
+8
+6
+4
+2
0
-2
-4
-6
-8
-10
VIN (V)
SEE NOTE 7
100
10
1
0
0
0.5
1
1.5
2
2.5
VG (V)
|GAINCOLD - GAINHOT|
TEMP RANGE: -55°C TO 125°C
100
10k
10M 100M
100k
1k
1G
FREQUENCY (Hz)
1M
-100
-40
20
60
-60
0
-20
40
-80
AVMAX = 100
AVMAX = 10
AVMAX = 2
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Feed through Isolation for Various AVMAX
Gain Variation Over entire Temp Range vs. VG
Figure 15.
Figure 16.
IRG vs. VIN
Gain vs. VG
Figure 17.
Figure 18.
Gain vs. VG Including Limits
Output Offset Voltage vs. VG (Typical Unit #1)
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com