Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VIN (MAX) = IR
G
MAX
· RG
AVMAX =
RF
RG
· K
RX
5V
0.1 µF
6.8 µF
OUTPUT
6.8 µF
0.1 µF
I-
-VCC
VG
GND
INPUT
SIGNAL
VIN
RG
VO
+VCC
RF
RO
RIN
RG
100:
50:
50:
50:
-5V
1 k:
X1
CFA
+
-
GAIN
CONTROL
MULT
+
-
+
-
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
APPLICATION INFORMATION
GENERAL DESCRIPTION
The key features of the LMH6505 are:
•
Low power
•
Broad voltage controlled gain and attenuation range (from AVMAX down to complete cutoff)
•
Bandwidth independent, resistor programmable gain range (RG)
•
Broad signal and gain control bandwidths
•
Frequency response may be adjusted with RF
•
High impedance signal and gain control inputs
The LMH6505 combines a closed loop input buffer (“X1” Block in Figure 41), a voltage controlled variable gain
cell (“MULT” Block) and an output amplifier (“CFA” Block). The input buffer is a transconductance stage whose
gain is set by the gain setting resistor, RG. The output amplifier is a current feedback op amp and is configured
as a transimpedance stage whose gain is set by, and is equal to, the feedback resistor, RF. The maximum gain,
AVMAX, of the LMH6505 is defined by the ratio: K · RF/RG where “K” is the gain multiplier with a nominal value of
0.940. As the gain control input (VG) changes over its 0 to 2V range, the gain is adjusted over a range of about
80 dB relative to the maximum set gain.
Figure 41. LMH6505 Typical Application and Block Diagram
SETTING THE LMH6505 MAXIMUM GAIN
(1)
Although the LMH6505 is specified at AVMAX = 9.4 V/V, the recommended AVMAX varies between 2 and 100.
Higher gains are possible but usually impractical due to output offsets, noise and distortion. When varying AVMAX
several tradeoffs are made:
RG: determines the input voltage range
RF: determines overall bandwidth
The amount of current which the input buffer can source/sink into RG is limited and is given in the IRG_MAX
specification. This sets the maximum input voltage:
(2)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com