Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8954AEVB Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI7C8954AEVB
Description  PCI짰 Quad UART I/O Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8954AEVB Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C8954AEVB Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pericom Semiconductor Corp.
www.pericom.com
PCI® , PCIe® and PCI Express® are registered trademarks of the PCI SIG® (www.pcisig.org)
Page 1 of 1
4/27/2016
Rev 1.1
Product:
PCI
® Quad UART I/O Bridge
Part Numbers: PI7C8954
Product Description
The PI7C8954 is a PCI® Quad UART (Universal
Asynchronous Receiver-Transmitters) I/O Bridge. It is
specifically designed to meet various system requirements of
high performance and lead (Pb) -free. The bridge can be
used in a wide range of applications such as Remote Access
Servers, Automation, Process Control, Instrumentation, POS,
ATM and Multi-port RS232/RS422/RS485 Cards. The
PI7C8954 provides standard PCI® connection, and it is fully
compliant with 32-bit PCI Bus 2.3 specifications. The bridge
supports four high performance UARTs, each of which
supports Baud rate up to 15 Mbps in asynchronous mode.
The UARTs support in-band and out-band auto flow control,
arbitrary trigger level, I/O mapping and memory mapping,
IrDA (Infrared Data Association) encoder/decoder, 8 general
purpose I/O and 16-bit timer counter. The PI7C8954 is fully
software compatible with 16C550 type device drivers and can
be configured to fit the requirements of RS232, RS422 and
RS485 applications. The EEPROM interface is provided for
system implementation convenience. Some registers can be
pre-programmed via hardware pin settings to facilitate
system initialization. For programming flexibility, all of the
default configuration registers can be overwritten by
EEPROM data, such as sub-vendor and sub-system ID.
Industry Specifications Compliance
PCI Specification, Revision 2.3 compliance
Features
Four high performance 950-class UARTs
Universal PCI Bus Buffers – Auto sense 3.3V or 5V
operation
Fully 16C550 software compatible UARTs
128-byte FIFO for each transmitter and receiver
Baud rate up to 15 Mbps in asynchronous mode
Flexible clock prescaler from 4 to 46
Data Transfer in Byte, Word and Double-word
Data Read/Write Burst Operation
Automated in-band flow control using programmable
Xon/Xoff in both directions
Automated out-of-band flow control using CTS#/RTS#
and/or DSR#/DTR#
Arbitrary trigger levels for receiver and transmitter FIFO
interrupts and automatic in-band and out-band flow
control
Global Interrupt Status and readable FIFO levels to
facilitate implementation of efficient device drivers
Detection of bad data in the receiver FIFO
Data framing size including 5, 6, 7, 8 and 9 bits
Infrared (IrDA 1.0/1.1) Data Encoder/Decoder
Auto RS-485 Half-duplex Output with Control Polarity
Selector
Eight General Purpose Inputs/Outputs
A General Purpose 16-bit Timer/Counter
Hardware reconfiguration through EEPROM
Operations via I/O or memory mapping
Sleep Mode with Automatic Wake-up
Dual power operation (3.3V or 5.0V for PCI I/O and
1.8V-5.0V for UART I/O)
Power dissipation: 150 mW typical in normal mode
Industrial Temperature Range -40o to 85o
Package: 20x20mm, 144-pin LQFP, w/0.5mm pin pitch -
Pb free and 100% Green.
Software support
MicrosoftTM Windows 2003/XP/Vista/Windows
Embedded/Windows 8/Windows 8.1/Windows 10 32/64
bit
MicrosoftTM Windows CE 6.0
Linux 2.6, RedHat 6.5 and above
Applications
Remote Access Servers
Network / Storage Management
Factory Automation and Process Control
Instrumentation
Multi-port RS-232/ RS-422/ RS-485 Cards
Point-of-Sale Systems (PoS)
Industrial Control (IPC)
Gaming Machines
Building Automation
Embedded Systems
Figure 1. PI7C8958 BLOCK DIAGRAM
PCI Local
Bus
Interface
Crystal OSC/Buffer
TX & RX
UART
Regs
UART-0
IR 1.0/
1.1
ENDEC
TX0,RX0,DTR0#
DSR0#, RTS0#
Device
Global Ctl.
Registers
128 Byte TX FIFO
128 Byte RX FIFO
BRG
UART-1
UART-2
UART-3
CTS0#,CD0#,RI0#
TX3,RX3,DTR3#
DSR3#, RTS3#
CTS3#,CD3#,RI3#
16-bit
Timer/Counter
XTAL1
XTAL2
TMRCK
RST#
AD[31:0]
CBE[3:0]#
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
LQFP-144 PIN
General Purpose I/O
GPIO0-GPIO7
EEPROM
Interface
Configuration
Space
Registers
CLK
INT#
IDSEL#
PERR#
SERR#
PAR
EECK
EEDI
EEDO
EECS
PI7C8954 Block Diagram
Order Information
PART NUMBER
PACKAGE
PB-FREE &
GREEN
TEMPERATURE
PI7C8954AFHE
144 LQFP
YES
-40oC TO 85oC
PI7C8954AEVB
Board
Evaluation Board for PI7C8954A
16-0006


Similar Part No. - PI7C8954AEVB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8952 PERICOM-PI7C8952 Datasheet
497Kb / 1P
PCI짰 Dual UART I/O Bridge
PI7C8952AEVB PERICOM-PI7C8952AEVB Datasheet
497Kb / 1P
PCI짰 Dual UART I/O Bridge
PI7C8952AFAE PERICOM-PI7C8952AFAE Datasheet
497Kb / 1P
PCI짰 Dual UART I/O Bridge
More results

Similar Description - PI7C8954AEVB

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16C554 IMP-EI16C554 Datasheet
29Kb / 1P
QUAD UART
EI82C684 IMP-EI82C684 Datasheet
36Kb / 2P
QUAD UART
logo
SMSC Corporation
LPC47N207 SMSC-LPC47N207 Datasheet
186Kb / 4P
LPC Super I/O IrDA Hot Docking Chip with UART
logo
A1 PROs co., Ltd.
EI16C554 A1PROS-EI16C554 Datasheet
35Kb / 1P
QUAD UART
logo
Silicon Laboratories
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
Pericom Semiconductor C...
PI7C8952 PERICOM-PI7C8952 Datasheet
497Kb / 1P
PCI짰 Dual UART I/O Bridge
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
UART Bridge Controller
PI7C9X7954 PERICOM-PI7C9X7954 Datasheet
419Kb / 1P
PCI Express짰 Quad UART I/O Bridge
PI7C9X7958 PERICOM-PI7C9X7958 Datasheet
419Kb / 1P
PCI Express짰 Octal UART I/O Bridge
PI7C9X7952 PERICOM-PI7C9X7952 Datasheet
419Kb / 1P
PCI Express짰 Dual UART I/O Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com