Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6715MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715MA/NOPB
Description  Dual Wideband Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6715MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMH6715
www.ti.com
SNOSA10C – MAY 2002 – REVISED APRIL 2013
LMH6715 Dual Wideband Video Op Amp
Check for Samples: LMH6715
1
FEATURES
DESCRIPTION
The LMH6715 combines TI's VIP10 high speed
2
•
TA = 25°C, RL = 100Ω, Typical Values Unless
complementary bipolar process with TI's current
Specified.
feedback topology to produce a very high speed dual
•
Very Low Diff. Gain, Phase: 0.02%, 0.02°
op amp. The LMH6715 provides 400MHz small signal
•
Wide Bandwidth: 480MHz (AV = +1V/V);
bandwidth at a gain of +2V/V and 1300V/
μs slew rate
while consuming only 5.8mA per amplifier from ±5V
400MHz (AV = +2V/V)
supplies.
•
0.1dB Gain Flatness to 100MHz
The LMH6715 offers exceptional video performance
•
Low Power: 5.8mA/Channel
with its 0.02% and 0.02° differential gain and phase
•
−70dB Channel-to-Channel Crosstalk (10MHz)
errors for NTSC and PAL video signals while driving
•
Fast Slew Rate: 1300V/
μs
up to four back terminated 75
Ω loads. The LMH6715
also offers a flat gain response of 0.1dB to 100MHz
•
Unity Gain Stable
and very low channel-to-channel crosstalk of
−70dB
•
Improved Replacement for CLC412
at 10MHz. Additionally, each amplifier can deliver
70mA of output current. This level of performance
APPLICATIONS
makes the LMH6715 an ideal dual op amp for high
density, broadcast quality video systems.
•
HDTV, NTSC & PAL Video Systems
•
Video Switching and Distribution
The LMH6715's two very well matched amplifiers
support a number of applications such as differential
•
IQ Amplifiers
line drivers and receivers. In addition, the LMH6715
•
Wideband Active Filters
is
well
suited
for
Sallen
Key
active
filters
in
•
Cable Drivers
applications such as anti-aliasing filters for high
speed A/D converters. Its small 8-pin SOIC package,
•
DC Coupled Single-to-Differential Conversions
low power requirement, low noise and distortion allow
the LMH6715 to serve portable RF applications such
as IQ channels.
Differential Gain & Phase with Multiple Video Loads
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6715MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715MA/NOPB TI1-LMH6715MA/NOPB Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715MA/NOPB TI2-LMH6715MA/NOPB Datasheet
968Kb / 24P
LMH6715 Dual Wideband Video Op Amp
REVISED APRIL 2013
LMH6715MA/NOPB.A TI2-LMH6715MA/NOPB.A Datasheet
968Kb / 24P
LMH6715 Dual Wideband Video Op Amp
REVISED APRIL 2013
More results

Similar Description - LMH6715MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
Dual Wideband Video Op Amp
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com