Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6739 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments LMH6739 Datasheet HTML 11Page - Texas Instruments LMH6739 Datasheet HTML 12Page - Texas Instruments LMH6739 Datasheet HTML 13Page - Texas Instruments LMH6739 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
+
-
RIN
51:
X1
-
+
ROUT
51:
CL
10 pF
RL
1 k:
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
0.01 µF
6.8 µF
CNEG
0.01 µF
RIN
0.1 µF
CSS
1
1000
FREQUENCY (MHz)
-8
-4
0
4
100
10
-2
-6
-7
-5
-3
-1
1
2
3
VOUT = 250 mVPP
GAIN = +1
PIN 4 FLOATING
PIN 4 SHORTED TO PIN 3
1
10
1000
FREQUENCY (MHz)
100
-8
-4
0
4
2
-2
-6
3
1
-1
-3
-5
-7
VOUT = 250 mVPP
UNCOMPENSATED
CP = 1.7 pF
CP = 3.3 pF
+
-
RIN
50:
RS
100:
ROUT
50:
CP
3.3 pF
VIN
VOUT
LMH6739
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
www.ti.com
The gain of the LMH6739 is accurate to ±1% and stable over temperature. The internal gain setting resistors, RF
and RG, match very well. However, over process and temperature their absolute value will change. Using
external resistors in series with RG to change the gain will result in poor gain accuracy over temperature and
from part to part.
Figure 24. Correction for Unity Gain Peaking
Figure 25. Frequency Response for Circuit in
Figure 24
UNITY GAIN COMPENSATION
With a current feedback Selectable Gain Buffer like the LMH6739, the feedback resistor is a compromise
between the value needed for stability at unity gain and the optimized value used at a gain of two. The result of
this compromise is substantial peaking at unity gain. If this peaking is undesirable a simple RC filter at the input
of the buffer will smooth the frequency response shown as Figure 24. Figure 25 shows the results of a simple
filter placed on the non-inverting input. See Figure 26 and Figure 27 for another method for reducing unity gain
peaking.
Figure 26. Alternate Unity Gain Compensation
Figure 27. Frequency Response for Circuit in
Figure 26
Figure 28. Decoupling Capacitive Loads
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com