Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS358 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS358
Description  LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS358 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS358 Datasheet HTML 1Page - Linear Integrated Systems LS358 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
1
7
35
BOTTOM VIEW
2
6
B1
E1
E2
B2
C1
C2
FEATURES
LOG CONFORMANCE
∆re ≤1Ω from ideal TYP.
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25
°C (unless otherwise noted)
I
C
Collector Current
10mA
Maximum Temperatures
Storage Temperature Range
-65
°C to +200°C
Operating Junction Temperature
+150
°C
Maximum Power Dissipation
ONE SIDE
BOTH SIDES
Device Dissipation @ Free Air
250mW
500mW
Linear Derating Factor
2.3mW/
°C
4.3mW/
°C
26 X 29 MILS
E1
E2
C1
C2
B1
B2
LOG CONFORMANCE
MONOLITHIC DUAL
PNP
TRANSISTORS
LS358
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL
CHARACTERISTICS
LS358
UNITS
CONDITIONS
∆re
Log Conformance
1.5
I
C
= 10-100-1000
µAV
CE
= 5V
BV
CBO
Collector-Base Breakdown Voltage
20
MIN.
V
I
C
= 10
µAI
E
= 0
BV
CEO
Collector to Emitter Voltage
20
MIN.
V
I
C
= 10
µAI
B
= 0
BV
EBO
Emitter-Base Breakdown Voltage
6.2
MIN.
V
I
E
= 10
µAI
C
= 0
NOTE 2
BV
CCO
Collector to Collector Voltage
45
MIN.
V
I
C
= 10
µAI
E
= 0
h
FE
DC Current Gain
100
MIN.
I
C
= 10
µAV
CE
= 5V
600
MAX.
h
FE
DC Current Gain
100
MIN.
I
C
= 100
µAV
CE
= 5V
600
MAX.
h
FE
DC Current Gain
100
MIN.
I
C
= 1mA
V
CE
= 5V
V
CE
(SAT)
Collector Saturation Voltage
0.5
MAX.
V
I
C
= 1mAI
B
= 0.1 mA
I
CBO
Collector Cutoff Current
0.2
MAX.
nA
I
E
= 0
V
CB
= 15V
I
EBO
Emitter Cutoff Current
0.2
MAX.
nA
I
C
= 0
V
EB
= 3V
C
OBO
Output Capacitance
2
MAX.
pF
I
E
= 0
V
CB
= 5V
C
C1C2
Collector to Collector Capacitance
2
MAX.
pF
V
CC
= 0
I
C1C2
Collector to Collector Leakage Current
0.5
MAX.
nA
V
CC
=
±45V
f
T
Current Gain Bandwidth Product
200
MIN.
MHz
I
C
= 1mA
V
CE
= 5V
NF
Narrow Band Noise Figure
3
MAX.
dB
I
C
= 100
µAV
CE
= 5V
BW = 200Hz
R
G
= 10 K
f=1KHz


Similar Part No. - LS358

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS358 MICROSS-LS358 Datasheet
287Kb / 1P
Linear Systems Log Conformance Monolithic Dual PNP
logo
Linear Integrated Syste...
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS358_PDIP MICROSS-LS358_PDIP Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS358_SOIC MICROSS-LS358_SOIC Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS358_SOT-23 MICROSS-LS358_SOT-23 Datasheet
283Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS358

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS350-2 LINEAR-LS350-2 Datasheet
29Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS3250B_P-DIP MICROSS-LS3250B_P-DIP Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS318 MICROSS-LS318 Datasheet
287Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS358 MICROSS-LS358 Datasheet
287Kb / 1P
Linear Systems Log Conformance Monolithic Dual PNP
LS3250A MICROSS-LS3250A Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250B MICROSS-LS3250B Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250C MICROSS-LS3250C Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
logo
Linear Integrated Syste...
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com