Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2232AMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMA/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP2232AMA/NOPB Datasheet HTML 1Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 2Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 3Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 4Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 5Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LMP2232
www.ti.com
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
Check for Samples: LMP2232
1
FEATURES
DESCRIPTION
The
LMP2232
is
a
dual
micropower
precision
23
(For VS = 5V, Typical Unless Otherwise Noted)
amplifier designed for battery powered applications.
•
Supply Current at 1.8V 16 µA
The 1.6V to 5.5V operating supply voltage range and
•
Operating Voltage Range 1.6V to 5.5V
quiescent power consumption of only 26
μW extend
the battery life in portable systems. The LMP2232 is
•
Low TCVOS ±0.5 µV/°C (max)
part of the LMP™ precision amplifier family. The high
•
VOS ±150 µV (max)
impedance
CMOS
input
makes
it
ideal
for
•
Input Bias Current 20 fA
instrumentation
and
other
sensor
interface
applications.
•
PSRR 120 dB
•
CMRR 97 dB
The LMP2232 has a maximum offset voltage of 150
μV and maximum offset voltage drift of only 0.5 μV/°C
•
Open Loop Gain 120 dB
along with low bias current of only ±20 fA. These
•
Gain Bandwidth Product 130 kHz
precise specifications make the LMP2232 a great
•
Slew Rate 58 V/ms
choice for maintaining system accuracy and long term
stability.
•
Input Voltage Noise, f = 1 kHz 60 nV/
√Hz
•
Temperature Range –40°C to 125°C
The LMP2232 has a rail-to-rail output that swings 15
mV from the supply voltage, which increases system
dynamic range. The common mode input voltage
APPLICATIONS
range extends 200 mV below the negative supply,
•
Precision Instrumentation Amplifiers
thus the LMP2232 is ideal for ground sensing in
•
Battery Powered Medical Instrumentation
single supply applications.
•
High Impedance Sensors
The LMP2232 is offered in 8-pin SOIC and VSSOP
•
Strain Gauge Bridge Amplifier
packages.
•
Thermocouple Amplifiers
The LMP2231 is the single version of this product
and the LMP2234 is the quad version of this product.
Both of these products are available on Texas
Instruments' website.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2232AMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2232AMA/NOPB TI2-LMP2232AMA/NOPB Datasheet
929Kb / 35P
LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
REVISED MARCH 2013
LMP2232AMA/NOPB.A TI2-LMP2232AMA/NOPB.A Datasheet
929Kb / 35P
LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
REVISED MARCH 2013
More results

Similar Description - LMP2232AMA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com