Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2232AMM/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMM/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMM/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP2232AMM/NOPB Datasheet HTML 12Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 13Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 14Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 15Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 16Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 17Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 18Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 19Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
VS = 2.5V
VS = 3.3V
VS = 5V
1
10
100
1k
10k
FREQUENCY (Hz)
1
10
100
1000
VS = 5V
LMP2232
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
CMRR vs. Frequency
Input Voltage Noise vs. Frequency
Figure 45.
Figure 46.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com