Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7707MF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MF/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP7707MF/NOPB Datasheet HTML 1Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 2Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 3Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 4Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 5Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range
Decompensated Amplifiers
Check for Samples: LMP7707, LMP7708, LMP7709
1
FEATURES
DESCRIPTION
The
LMP7707/LMP7708/LMP7709
devices
are
23
•
Unless Otherwise Noted, Typical Values at
single, dual, and quad low offset voltage, rail-to-rail
VS = 5V.
input and output precision amplifiers which each have
•
Input Offset Voltage (LMP7707) ±200 µV (Max)
a CMOS input stage and a wide supply voltage
•
Input Offset Voltage (LMP7708/LMP7709)
range. The LMP7707/LMP7708/LMP7709 are part of
the LMP™ precision amplifier family and are ideal for
±220 µV (Max)
sensor
interface
and
other
instrumentation
•
Input Bias Current ±200 fA
applications. These decompensated amplifiers are
•
Input Voltage Noise 9 nV/
√Hz
stable at a gain of 6 and higher.
•
CMRR 130 dB
The ensured low offset voltage of less than ±200 µV
•
Open Loop Gain 130 dB
along with the ensured low input bias current of less
than ±1 pA make the LMP7707/LMP7708/LMP7709
•
Temperature Range
−40°C to 125°C
ideal
for
precision
applications.
The
•
Gain Bandwidth Product (AV =10) 14 MHz
LMP7707/LMP7708/LMP7709 are built utilizing VIP50
•
Stable at a Gain of 10 or Higher
technology, which allows the combination of a CMOS
•
Supply Current (LMP7707) 715 µA
input stage and a supply voltage range of 12V with
rail-to-rail common mode voltage capability. The
•
Supply Current (LMP7708) 1.5 mA
LMP7707/LMP7708/LMP7709 are the perfect choice
•
Supply Current (LMP7709) 2.9 mA
in many applications where conventional CMOS parts
•
Supply Voltage Range 2.7V to 12V
cannot operate due to the voltage conditions.
•
Rail-to-Rail Input and Output
The unique design of the rail-to-rail input stage of
each
of
the
LMP7707/LMP7708/LMP7709
APPLICATIONS
significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. Both sides
•
High Impedance Sensor Interface
of the complimentary input stage have been trimmed,
•
Battery Powered Instrumentation
thereby reducing the difference between the NMOS
•
High Gain Amplifiers
and PMOS offsets. The output swings within 40 mV
of either rail to maximize the signal dynamic range in
•
DAC Buffer
applications requiring low supply voltage.
•
Instrumentation Amplifier
The LMP7707 is offered in the space-saving 5-pin
•
Active Filters
SOT-23 and 8-pin SOIC packages, the LMP7708 is
offered
in
the
8-pin
VSSOP
and
8-pin
SOIC
packages, and the quad LMP7709 is offered in the
14-pin TSSOP and 14-pin SOIC packages. These
small
packages
are
ideal
solutions
for
area
constrained PC boards and portable electronics.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7707MF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7707MF NSC-LMP7707MF Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7707MFX NSC-LMP7707MFX Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results

Similar Description - LMP7707MF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com