Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP91050MM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050MM/NOPB
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91050MM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP91050MM/NOPB Datasheet HTML 1Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 2Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 3Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 4Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 5Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 6Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 7Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 8Page - Texas Instruments LMP91050MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMP91050
IN
CMOUT
A0
A1
GND
VDD
SDIO
OUT
CSB
SCLK
LMP91050
www.ti.com
SNAS517E – NOVEMBER 2011 – REVISED SEPTEMBER 2015
5 Description (continued)
The offset cancellation circuitry compensates for the dark signal by adding an equal and opposite offset to the
input of the second stage, thus removing the original offset from the output signal. This offset cancellation
circuitry allows optimized usage of the ADC full scale and relaxes ADC resolution requirements.
The LMP91050 allows extra signal filtering (high-pass, lowpass or bandpass) through dedicated pins A0 and A1,
in order to remove out of band noise. The user can program through the on board SPI interface. Available in a
small form factor 10-pin package, the LMP91050 operates from –40 to 105°C.
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
IN
Analog Input
Signal Input
2
CMOUT
Analog Output
Common-Mode Voltage Output
3
A0
Analog Output
First Stage Output
4
A1
Analog Input
Second Stage Input
5
GND
Power
Ground
6
OUT
Analog Output
Signal Output, reference to the same potential as CMOUT
7
CSB
Digital Input
Chip Select, active low
8
SCLK
Digital Input
Interface Clock
9
SDIO
Digital Input / Output Serial Data Input / Output
10
VDD
Power
Positive Supply
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage (VDD)
–0.3
6
V
Voltage at Any Pin
–0.3
VDD + 0.3
V
Input Current at Any Pin
5
mA
Junction Temperature(4)
150
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For soldering specifications:
see product folder at www.ti.com and SNOA549.
(4)
The maximum power dissipation is a function of TJ(MAX),
θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/
θJA All numbers apply for packages soldered directly onto a PC
board.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com