Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP91050MMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050MMX/NOPB
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91050MMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP91050MMX/NOPB Datasheet HTML 17Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 18Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 19Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 20Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 21Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 22Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 23Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 24Page - Texas Instruments LMP91050MMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LMP91050
www.ti.com
SNAS517E – NOVEMBER 2011 – REVISED SEPTEMBER 2015
10 Power Supply Recommendations
Because the LMP91050 is used in a sampled data system, care must be taken to maintain power supply noise
below an acceptable level, which will depend on the requirements of the application. In all cases, follow the
manufacturer’s design recommendations for the power conditioning device used in the system. The LMP91050
offers excellent power supply rejection over a wide range of frequencies, but adequate power supply bypassing
should always be used (see Figure 26). If using a switching supply, additional filtering may be required
particularly if the switcher harmonics fall within the passband of the filters used in the system. Ensure that the
selected power conditioning device is capable of sourcing the current required by the LMP91050.
11 Layout
11.1 Layout Guidelines
Figure 33 shows a layout example for the LMP91050. All components should be placed as close as possible
to the device, especially the bypass capacitors to VDD (CBypass1 and CBypass2).
11.2 Layout Example
Figure 33. LMP91050 Layout Example
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com