Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601QMA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601QMA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8601QMA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
CMRR (dB)
30
25
20
15
10
5
0
80
90
100
110
120
130
140
-40°C
25°C
125°C
VS = 3.3V
6000 parts
CMRR (dB)
30
25
20
15
10
5
0
80
90
100
110
120
130
140
-40°C
25°C
125°C
VS = 5V
6000 parts
GAIN DRIFT (ppm/°C)
20
15
10
5
0
-10 -8
-6
-4
-2
0
2
4
6
8
10
VS = 3.3V
VS = 5V
GAIN DRIFT (ppm/°C)
20
15
10
5
0
-10 -8
-6
-4
-2
0
2
4
6
8
10
VS = 3.3V
VS = 5V
GAIN ERROR (%)
20
15
10
5
0
-0.50
-0.25
0.00
0.25
0.50
-40°C
25°C
125°C
GAIN ERROR (%)
20
15
10
5
0
-0.50
-0.25
0.00
0.25
0.50
-40°C
25°C
125°C
16
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, GND = 0 V, –22 ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) connected to VS, and 10 nF between VS and
GND (unless otherwise noted)
Figure 43. Gain Error Distribution at VS = 3.3 V, 5000 Parts
LMP8602 and LMP8602-Q1
Figure 44. Gain Error Distribution at VS = 5 V, 5000 Parts
LMP8602 and LMP8602-Q1
Figure 45. Gain Error Distribution at VS = 3.3 V, 5000 Parts
LMP8603 and LMP8603-Q1
Figure 46. Gain Error Distribution at VS = 5 V
LMP8603 and LMP8603-Q1
Figure 47. CMRR Distribution at VS = 3.3 V
Figure 48. CMRR Distribution at VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com