Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8602MMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MMX/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8602MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 12Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 13Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 14Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 15Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 16Page - Texas Instruments LMP8602MMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TIME (5 us/DIV)
TIME (5 us/DIV)
TIME (5 us/DIV)
TIME (5 us/DIV)
TIME (20 us/DIV)
8
7
6
5
4
3
2
1
0
TIME (20 us/DIV)
8
7
6
5
4
3
2
1
0
13
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, GND = 0 V, –22 ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) connected to VS, and 10 nF between VS and
GND (unless otherwise noted)
Figure 25. Step Response at VS = 3.3 V, RL = 10 kΩ
LMP8603 and LMP8603-Q1
Figure 26. Step Response at VS = 5 V, RL = 10 kΩ
LMP8603 and LMP8603-Q1
Figure 27. Settling Time (Falling Edge) at VS = 3.3 V
LMP8603 and LMP8603-Q1
Figure 28. Settling Time (Falling Edge) at VS = 5 V
LMP8603 and LMP8603-Q1
Figure 29. Settling Time (Rising Edge) at VS = 3.3 V
LMP8603 and LMP8603-Q1
Figure 30. Settling Time (Rising Edge) at VS = 5 V
LMP8603 and LMP8603-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com