Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS8D57 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMS8D57
Description  Strobe Light Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS8D57 Datasheet(HTML) 2 Page - Sumida Corporation

  CMS8D57 Datasheet HTML 1Page - Sumida Corporation CMS8D57 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Strobe Light Transformer<SMD Type: CMS Series >
Type: CMS8D57
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Sample No.
Inductance
(mH)(6-1)
100kHz/1V
Inductance
(µH)(3-4)
100kHz/1V
D.C.R.
(Ω)
(6-1)
D.C.R.
(mΩ)
(3-4)
DC superposition
permission current
(3-4)(A) ※1
A806-OAK-001
1.10±20%
10.0±20%
12.6±20%
55.0±20%
2.5
Note:
1.DC superposition permission current : this indicates the value of current at which the inductance
decreases to 80% of its initial value at DC superposition.
※ 2.Charge condenser capacity: 400µF Max.
◆ Recommendation Reflow Condition
◆ Packaging with Embossed Tape and Reel
Qty.: 1000pcs/reel
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
Under Development
+0.1
-0
4.0±0.1
16.0±0.1
1.5
(3.22)
2.0±0.05
Leading Edge
Ba r code label
Sprocket Holes
Sprocket Holes
Bar code label
Leading Edge
(6.3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com