Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS3208PZPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS3208PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS3208PZPR Datasheet HTML 1Page - Texas Instruments TAS3208PZPR Datasheet HTML 2Page - Texas Instruments TAS3208PZPR Datasheet HTML 3Page - Texas Instruments TAS3208PZPR Datasheet HTML 4Page - Texas Instruments TAS3208PZPR Datasheet HTML 5Page - Texas Instruments TAS3208PZPR Datasheet HTML 6Page - Texas Instruments TAS3208PZPR Datasheet HTML 7Page - Texas Instruments TAS3208PZPR Datasheet HTML 8Page - Texas Instruments TAS3208PZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
SAP
IN
Audio
processing
Control
I
2 C
8051
A - MUX
10 :1
2CH
ADC
10 chstereo
Analog
Inputs
DAC
Mod
6CH
DAC
SPDIF
HPAMP
SDIN 1
SDIN 2
SDIN 3
HPOUTL / R
SAP
OUT
SDOUT 1
SCL1
SDA1
SCL 2
SDA2
GPIO 1-4
CS
SPDIFOUT /
SDOUT 2
3:1
MUX
SPDIFIN
MUTEZ
2
2
DACOUT 1L/ R
2
DACOUT 2L/ R
2
2
MCLKIN
SCLKIN
LRCLKIN
MCLKOUT
SCLKOUT
LRCLKOUT
2
A- MUX
11:1
SCLKI
LRCLKI
LINEOUT 1L/R
2
10 chstereo
Clock
Control
OSC
512Fs
AVSS
TBD
TBD
512 Fs
10pf
10pf
AVSS
External
ASRC
MCLKO
SCLKO
LRCLKO
SDO 1
SDO 2
SDO 3
SDIN1A
SDIN2B
SDIN3B
SDIN4B
SCLKA
LRCLKA
MCLKA
SCLKB
LRCLKB
MCLKB
MUX
MCLKI
SCLKI
LRCLKI
MUX
SDI1
SDI2
SDI3
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
The TAS3208 may be used with an external asynchronous sample rate converter (ASRC) to accommodate
asynchronous serial inputs at different sampling rates (see Figure 2).
Figure 2. Interface to External ASRC
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com