Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5112DFDR Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5112DFDR
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5112DFDR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5112DFDR Datasheet HTML 1Page - Texas Instruments TAS5112DFDR Datasheet HTML 2Page - Texas Instruments TAS5112DFDR Datasheet HTML 3Page - Texas Instruments TAS5112DFDR Datasheet HTML 4Page - Texas Instruments TAS5112DFDR Datasheet HTML 5Page - Texas Instruments TAS5112DFDR Datasheet HTML 6Page - Texas Instruments TAS5112DFDR Datasheet HTML 7Page - Texas Instruments TAS5112DFDR Datasheet HTML 8Page - Texas Instruments TAS5112DFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
5
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
DVDD
Digital supply (1)
Relative to DGND
3
3.3
3.6
V
GVDD
Supply for internal gate drive and logic
regulators
Relative to GND
16
29.5
30.5
V
PVDD_x
Half-bridge supply
Relative to GND, RL= 6 Ω to 8 Ω
0
29.5
30.5
V
TJ
Junction temperature
0
125
_C
(1) It is recommended for DVDD to be connected to DREG via a 100-Ω resistor.
ELECTRICAL CHARACTERISTICS
PVDD_X = 29.5 V, GVDD = 29.5 V, DVDD connected to DREG via a 100-
Ω resistor, RL = 6 Ω, 8X fs = 384 kHz, unless otherwise noted
TYPICAL
OVER TEMPERATURE
SYMBOL
PARAMETER
TEST CONDITIONS
TA=25°C
TA=25°C
TCase=
75
°C
TA=40°C
TO 85
°C
UNITS
MIN/TYP/
MAX
AC PERFORMANCE, BTL Mode, 1 kHz
RL = 8 Ω, THD = 0.2%,
AES17 filter, 1 kHz
40
W
Typ
Po
Output power
RL = 8 Ω, THD = 10%, AES17
filter, 1 kHz
50
W
Typ
Po
Output power
RL = 6 Ω, THD = 0.2%,
AES17 filter, 1 kHz
50
W
Typ
RL = 6 Ω, THD = 10%, AES17
filter, 1 kHz
62
W
Typ
Po = 1 W/ channel, RL = 6 Ω,
AES17 filter
0.03%
Typ
THD+N
Total harmonic distortion
+ noise
Po = 10 W/channel, RL = 6 Ω,
AES17 filter
0.04%
Typ
+ noise
Po = 50 W/channel, RL = 6 Ω,
AES17 filter
0.2%
Typ
Vn
Output integrated voltage
noise
A-weighted, mute, RL = 6 Ω,,
20 Hz to 20 kHz, AES17 filter
260
µV
Max
SNR
Signal-to-noise ratio
A-weighted, AES17 filter
96
dB
Typ
DR
Dynamic range
f = 1 kHz, A-weighted,
AES17 filter
96
dB
Typ
INTERNAL VOLTAGE REGULATOR
DREG
Voltage regulator
Io = 1 mA,
PVDD = 18 V−30.5 V
3.1
V
Typ
GREG
Voltage regulator
Io = 1.2 mA,
PVDD = 18 V−30.5 V
13.4
V
Typ
IVGDD
GVDD supply current,
operating
fS = 384 kHz, no load, 50%
duty cycle
24
mA
Max
IDVDD
DVDD supply current,
operating
fS = 384 kHz, no load
1
5
mA
Max
OUTPUT STAGE MOSFETs
Ron,LS
Forward on-resistance,
low side
TJ = 25°C
155
m
Ω
Typ
Ron,HS
Forward on-resistance,
high side
TJ = 25°C
155
m
Ω
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com