Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBF2Z3.6 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMBF2Z3.6
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBF2Z3.6 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMBF2Z3.6 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBF2Z3.6 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note :
( 1 ) Suffix " 5 " indicates
± 5.0% tolerance, suffix " 10 " indicates ± 10.0% tolerance.
( 2 ) " EZ " will be omitted in marking on the diode
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
SMBF2Z3.6
3.6
139
5.0
400
1.0
80
1.0
SMBF2Z3.9
3.9
128
5.0
400
1.0
30
SMBF2Z4.3
4.3
116
4.5
400
1.0
20
SMBF2Z4.7
4.7
106
4.5
550
1.0
5.0
SMBF2Z5.1
5.1
98.0
3.5
600
1.0
5.0
SMBF2Z5.6
5.6
89.5
2.5
500
1.0
5.0
SMBF2Z6.2
6.2
80.5
1.5
700
1.0
5.0
SMBF2Z6.8
6.8
73.5
2.0
700
1.0
5.0
SMBF2Z7.5
7.5
66.5
2.0
700
0.5
50
SMBF2Z8.2
8.2
61.0
2.3
700
0.5
50
SMBF2Z9.1
9.1
55.0
2.5
700
0.5
50
SMBF2Z10
10
50.0
3.5
700
0.25
50
SMBF2Z11
11
45.5
4.0
700
0.25
50
SMBF2Z12
12
41.5
4.5
700
0.25
1.0
SMBF2Z13
13
38.5
5.0
700
0.25
0.5
SMBF2Z14
14
35.7
5.5
700
0.25
0.5
SMBF2Z15
15
33.4
7.0
700
0.25
0.5
SMBF2Z16
16
31.2
8.0
700
0.25
0.5
SMBF2Z17
17
29.4
9.0
750
0.25
0.5
SMBF2Z18
18
27.8
10
750
0.25
0.5
SMBF2Z19
19
26.3
11
750
0.25
0.5
SMBF2Z20
20
25.0
11
750
0.25
0.5
SMBF2Z22
22
22.8
12
750
0.25
0.5
SMBF2Z24
24
20.8
13
750
0.25
0.5
SMBF2Z27
27
18.5
18
750
0.25
0.5
SMBF2Z30
30
16.6
20
1000
0.25
0.5
SMBF2Z33
33
15.1
23
1000
0.25
0.5
SMBF2Z36
36
13.9
25
1000
0.25
0.5
SMBF2Z39
39
12.8
30
1000
0.25
0.5
SMBF2Z43
43
11.6
35
1500
0.25
0.5
SMBF2Z47
47
10.6
40
1500
0.25
0.5
SMBF2Z51
51
9.8
48
1500
0.25
0.5
SMBF2Z56
56
9.0
55
2000
0.25
0.5
SMBF2Z62
62
8.1
60
2000
0.25
0.5
SMBF2Z68
68
7.4
75
2000
0.25
0.5
SMBF2Z75
75
6.7
90
2000
0.25
0.5
SMBF2Z82
82
6.1
100
3000
0.25
0.5
SMBF2Z91
91
5.5
125
3000
0.25
0.5
SMBF2Z100
100
5.0
175
3000
0.25
0.5
SMBF2Z110
110
4.5
250
4000
0.25
0.5
SMBF2Z120
120
4.2
325
4500
0.25
0.5
SMBF2Z130
130
3.8
400
5000
0.25
0.5
SMBF2Z140
140
3.6
500
5500
0.25
0.5
SMBF2Z150
150
3.3
575
6000
0.25
0.5
SMBF2Z160
160
3.1
650
6500
0.25
0.5
SMBF2Z170
170
2.9
675
7000
0.25
0.5
SMBF2Z180
180
2.8
725
7000
0.25
0.5
SMBF2Z190
190
2.6
825
8000
0.25
0.5
SMBF2Z200
200
2.5
900
8000
0.25
0.5
152.0
9.0
(mA)
504
468
434
386
356
324
292
266
242
220
200
182
166
152
138
130
122
114
107
100
95
90
82
76
68
60
55
50
47
43
39
36
32
29
27
24
22
20
18
17
15
14
13
12
11
11
10
10
9.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
10.6
11.4
12.2
13.0
13.7
14.4
15.2
16.7
18.2
20.6
22.5
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76.0
83.6
91.2
98.8
106.4
114.0
121.6
130.4
136.8
144.8
152.0
www.sunmate.tw
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com