Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS3633 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3633
Description  CMOS Dual Peripheral Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3633 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3633 Datasheet HTML 1Page - National Semiconductor (TI) DS3633 Datasheet HTML 2Page - National Semiconductor (TI) DS3633 Datasheet HTML 3Page - National Semiconductor (TI) DS3633 Datasheet HTML 4Page - National Semiconductor (TI) DS3633 Datasheet HTML 5Page - National Semiconductor (TI) DS3633 Datasheet HTML 6Page - National Semiconductor (TI) DS3633 Datasheet HTML 7Page - National Semiconductor (TI) DS3633 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Notes 2 and 3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DS1633DS3633
ICC(0)
Supply Currents
VIN e 0V (Figure 4 )VCC e 5V
Output Low
75
12
mA
VCC e 15V
16
23
mA
ICC(1)
(
Figure 4 )VCC e 5V VIN e 5V
Output High
2
4
mA
VCC e 15V VIN e 15V
72
15
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
DS1634DS3634
ICC(0)
Supply Currents
(
Figure 4 )VCC e 5V VIN e 5V
Output Low
75
12
mA
VCC e 15V VIN e 15V
18
23
mA
ICC(1)
VIN e 0V (Figure 4 )VCC e 5V
Output High
3
5
mA
VCC e 15V
11
18
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS1631 DS1632 DS1633 and DS1634 and
across the 0 Cto a70 C range for the DS3631 DS3632 DS3633 and DS3634 All typical values are for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Test Circuits
TLF5816 – 9
Input
Other
Output
Circuit
Under
Input
Apply
Measure
Test
DS3631
VIH
VIH
IOH
VOH
VIL
VCC
IOL
VOL
DS3632
VIH
VIH
IOL
VOL
VIL
VCC
IOH
VOH
DS3633
VIH
GND
IOH
VOH
VIL
VIL
IOL
VOL
DS3634
VIH
GND
IOL
VOL
VIL
VIL
IOH
VOH
Note
Each input is tested separately
FIGURE 1 VIH VIL VOH VOL
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com