Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83865DVH Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865DVH
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865DVH Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83865DVH Datasheet HTML 19Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 20Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 21Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 22Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 23Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 24Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 25Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 26Page - National Semiconductor (TI) DP83865DVH Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
23
www.national.com
2.0 Register Block (Continued)
12
10BASE-T
Full Duplex
1, P
10BASE-T Full Duplex Capable:
1 = Device able to perform 10BASE-T in Full Duplex mode.
11
10BASE-T
Half Duplex
1, P
10BASE-T Half Duplex Capable:
1 = Device able to perform 10BASE-T in Half Duplex mode.
10
100BASE-T2
Full Duplex
0, P
100BASE-T2 Full Duplex Capable:
0 = Device unable to perform 100BASE-T2 Full Duplex mode.
DP83865 does not support 100BASE-T2 mode and bit should al-
ways be read back as “0”.
9
100BASE-T2
Half Duplex
0, P
100BASE-T2 Half Duplex Capable:
0 = Device unable to perform 100BASE-T2 Half Duplex mode.
DP83865 does not support 100BASE-T2 mode and bit should al-
ways be read back as “0”.
8
1000BASE-T
Extended Status
1, P
1000BASE-T Extended Status Register:
1 = Device supports Extended Status Register 0x0F.
7
Reserved
0, RO
Reserved by IEEE: Write ignored, read as 0.
6
Preamble
Suppression
1, P
Preamble suppression Capable:
1 = Device able to perform management transaction with pream-
ble suppressed, 32-bits of preamble needed only once after re-
set, invalid opcode or invalid turnaround.
5
Auto-Negotiation
Complete
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation process complete, and contents of registers
5, 6, 7, & 8 are valid.
0 = Auto-Negotiation process not complete.
4
Remote Fault
0, RO, LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by re-
set). Fault criteria: Far End Fault Indication or notification from
Link Partner of Remote Fault.
0 = No remote fault condition detected.
3
Auto-Negotiation
Ability
1, P
Auto Configuration Ability:
1 = Device is able to perform Auto-Negotiation.
2
Link Status
0, RO, LL
Link Lost Since Last Read Status:
1 = Link was good since last read of this register. (10/100/1000
Mbps operation).
0 = Link was lost since last read of this register.
The occurrence of a link failure condition will causes the Link Sta-
tus bit to clear. Once cleared, this bit may only be set by estab-
lishing a good link condition and a read via the management
interface.
This bit doesn’t indicate the link status, but rather if the link was
lost since last read. For actual link status, either this register
should be read twice, or register 0x11 bit 2 should be read.
1
Jabber Detect
0, RO, LH
Jabber Detect: Set to 1 if 10BASE-T Jabber detected locally.
1 = Jabber condition detected.
0 = No Jabber.
0
Extended Capability
1, P
Extended Capability:
1 = Extended register capable.
Table 4. Basic Mode Status Register (BMSR) address 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com