Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV641MFE/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MFE/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MFE/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV641MFE/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 14Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 15Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 16Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 17Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 18Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 19Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
1
¨
¨
©
§
1 -
1
2
n+1
2
- 1 x f-3 dB
-
+
VO = 2.50V
580 k:
24.5 k:
LMV641
24.5 k:
580 k:
4.446V
4.554V
500:
500:
SENSOR
BW-3 dB =
GAIN-BANDWIDTH PRODUCT
AVCL
=
10 MHz
23.2
= 431 kHz
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Figure 47. Thevenin Equivalent Showing Required Gain
By choosing input resistor values for R1 and R2 that are four to ten times the bridge element resistance, the
bridge is minimally loaded and the offset errors induced by the op amp stages are minimized. These resistors
should have 1% tolerance, or better, for the best noise rejection and offset minimization.
Referring once again to Figure 43, U2 is an additional gain stage with a thermistor element, RTH, in the feedback
loop. It performs a temperature compensation function for the bridge so that it will have greater accuracy over a
wide range of operational temperatures. With mangetoresistive sensors, temperature drift of the bridge sensitivity
is negative and linear, and in the case of the sensor used here, is nominally
−3000 PP/M. Thus the gain of U2
needs to increase proportionally with increasing temperature, suggesting a thermistor with a positive temperature
coefficient. Selection of the temperature compensation resistor, RTH, depends on the additional gain required, on
the thermistor chosen, and is dependent on the thermistor’s %/°C shift in resistance. For best op amp
compatibility, the thermistor resistance should be greater than 1000
Ω. RTH should also be much less than RA, the
feedback resistor. Because the temperature coefficient of the AMR bridge is largely linear, RTH also needs to
behave in a linear fashion with temperature, thus RA is placed in parallel with RTH, which acts to linearize the
thermistor.
Gain Error and Bandwidth Consideration if Using an Analog to Digital Converter
The bandwidth available from Figure 43 is dependent on the system closed loop gain required and the maximum
gain-error allowed if driving an analog to digital converter (ADC). If the output from the sensor is intended to drive
an ADC, the bandwidth will be considerably reduced from the closed-loop corner frequency. This is because the
gain error of the pre-amplifier stage needs to be taken into account when calculating total error budget. Good
practice dictates that the gain error of the amplifier be less than or equal to half LSB (preferably less in order to
allow for other system errors that will eat up a portion of the available error budget) of the ADC. However, at the
−3 dB corner frequency the gain error for any amplifier is 29.3%. In reality, the gain starts rolling off long before
the
−3 dB corner is reached. For example, if the amplifier is driving an 8-bit ADC, the minimum gain error allowed
for half LSB would be approximately 0.2%. To achieve this gain error with the op amp, the maximum frequency
of interest can be no higher than
(4)
where n is the bit resolution of the ADC and f−3 dB is the closed loop corner frequency.
Given that the LMV641 has a GBW of 10 MHz, and is operating with a closed loop gain of 26.3, its closed loop
bandwidth is 380 kHZ, therefore
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com