Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV641MFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MFX/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV641MFX/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 10Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
-30
-25
-20
-15
-10
-5
30
0
5
10
15
20
25
TIME (Ps)
0
20
40
60
70
80
CL = 125 pF, AV = +1
VIN = 20 mVPP, 20 kHz
V
+
= +5V
V
-
= -5V
0
20
40
60
80
100
TIME (Ps)
-15
-10
-5
0
5
10
15
20
25
-20
30
CL = 15 pF, AV = +1
VIN = 20 mVPP, 20 kHz
V
+
= +5V
V
-
= -5V
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
VOUT FROM RAIL (V)
V
+
= +5V
V
-
= -5V
25°C
-40°C
125°C
0
20
40
60
80
100
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (Ps)
V
+
= +5V
V
-
= -5V
CL = 15 pF, AV = +1
VIN = 2 VPP, 20 kHz
0
0.5
1
1.5
2
2.5
VOUT FROM RAIL (V)
0
5
10
15
20
25
V
+
= +1.35V
V
-
= -1.35V
125°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
VOUT FROM RAIL (V)
0
5
10
15
20
25
30
35
40
45
125°C
25°C
-40°C
V
+
= +1.35V
V
-
= -1.35V
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
Sourcing Current
Sinking Current
vs.
vs.
VOUT
VOUT
Figure 29.
Figure 30.
Sourcing Current
vs.
VOUT
Large Signal Transient
Figure 31.
Figure 32.
Small Signal Transient Response
Small Signal Transient Response
Figure 33.
Figure 34.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com