Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26C31M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26C31M
Description  CMOS Quad TRI-STATE Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26C31M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26C31M Datasheet HTML 1Page - National Semiconductor (TI) DS26C31M Datasheet HTML 2Page - National Semiconductor (TI) DS26C31M Datasheet HTML 3Page - National Semiconductor (TI) DS26C31M Datasheet HTML 4Page - National Semiconductor (TI) DS26C31M Datasheet HTML 5Page - National Semiconductor (TI) DS26C31M Datasheet HTML 6Page - National Semiconductor (TI) DS26C31M Datasheet HTML 7Page - National Semiconductor (TI) DS26C31M Datasheet HTML 8Page - National Semiconductor (TI) DS26C31M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to 7.0V
DC Input Voltage (V
IN)
−1.5V to V
CC +1.5V
DC Output Voltage (V
OUT)
−0.5V to 7V
Clamp Diode Current (I
IK,IOK)
±20 mA
DC Output Current, per pin (I
OUT)
±150 mA
DC V
CC or GND Current,
per pin (I
CC)
±150 mA
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Max. Power Dissipation (P
D) @25˚C (Note 3)
Ceramic “J” Pkg.
2419 mW
Plastic “N” Pkg.
1736 mW
SOIC “M” Pkg.
1226 mW
Ceramic “W” Pkg.
1182 mW
Ceramic “E” Pkg.
2134 mW
Lead Temperature (T
L)
(Soldering, 4 sec.)
260˚C
This device does not meet 2000V ESD Rating. (Note 13)
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.50
5.50
V
DC Input or Output Voltage
(V
IN,VOUT)0
V
CC
V
Operating Temperature Range (T
A)
DS26C31T
−40
+85
˚C
DS26C31M
−55
+125
˚C
Input Rise or Fall Times (t
r,tf)
500
ns
DC Electrical Characteristics
V
CC = 5V ± 10% (unless otherwise specified) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
High Level Input Voltage
2.0
V
V
IL
Low Level Input Voltage
0.8
V
V
OH
High Level Output Voltage
V
IN = VIH or VIL,
2.5
3.4
V
I
OUT = −20 mA
V
OL
Low Level Output
V
IN = VIH or VIL,
0.3
0.5
V
Voltage
I
OUT = 20 mA
V
T
Differential Output
R
L = 100Ω
2.0
3.1
V
Voltage
(Note 5)
|V
T|−|VT |
Difference In
R
L = 100Ω
0.4
V
Differential Output
(Note 5)
V
OS
Common Mode
R
L = 100Ω
1.8
3.0
V
Output Voltage
(Note 5)
|V
OS −VOS |
Difference In
R
L = 100Ω
0.4
V
Common Mode Output
(Note 5)
I
IN
Input Current
V
IN = VCC, GND, VIH,orVIL
±1.0
µA
I
CC
Quiescent Supply
DS26C31T
V
IN = VCC or GND
200
500
µA
Current (Note 6)
I
OUT = 0µA
V
IN = 2.4V or 0.5V
0.8
2.0
mA
(Note 6)
DS26C31M
V
IN = VCC or GND
200
500
µA
I
OUT = 0µA
V
IN = 2.4V or 0.5V
0.8
2.1
mA
(Note 6)
I
OZ
TRI-STATE Output
V
OUT = VCC or GND
Leakage Current
ENABLE = V
IL
±0.5
±5.0
µA
ENABLE = V
IH
I
SC
Output Short
V
IN = VCC or GND
−30
−150
mA
Circuit Current
(Notes 5, 7)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com