Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6672MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6672MA/NOPB
Description  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6672MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
3
4
5
6
7
8
9
10 11 12 13
200
300
400
500
600
700
VS (V)
-40°C
25°C
85°C
3
4
5
6
7
8
9
10 11 12 13
200
300
400
500
600
700
VS (V)
-40°C
25°C
85°C
0
50
100
150
200
250
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
ILOAD (mA)
VS = ±2.5V
85°C
25°C
-40°C
0
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
-40°C
25°C
85°C
0
50
100
150
200
250
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
ILOAD (mA)
VS = ±6V
85°C
25°C
-40°C
0
50
100
150
200
250
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
ILOAD (mA)
VS = ±2.5V
85°C
25°C
-40°C
LMH6672
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
www.ti.com
Typical Performance Characteristics (continued)
Av = + 2V/V
Figure 7.
−VOUT vs. ILOAD
Figure 8. +VOUT vs. ILOAD
Figure 10. Supply Current vs. Supply Voltage
Figure 9.
−VOUT vs. ILOAD
Figure 11. Sourcing Current vs. Supply Voltage
Figure 12. Sinking Current vs. Supply Voltage
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com