Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM71 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM71
Description  SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM71 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM71 Datasheet HTML 4Page - National Semiconductor (TI) LM71 Datasheet HTML 5Page - National Semiconductor (TI) LM71 Datasheet HTML 6Page - National Semiconductor (TI) LM71 Datasheet HTML 7Page - National Semiconductor (TI) LM71 Datasheet HTML 8Page - National Semiconductor (TI) LM71 Datasheet HTML 9Page - National Semiconductor (TI) LM71 Datasheet HTML 10Page - National Semiconductor (TI) LM71 Datasheet HTML 11Page - National Semiconductor (TI) LM71 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics
Static Supply Current vs. Temperature
Temperature Error
20031796
20031797
1.0 Functional Description
The LM71 temperature sensor incorporates a temperature
sensor and 13-bit plus sign
∆Σ ADC (Delta-Sigma Analog-to-
Digital Converter). Compatibility of the LM71’s three wire
serial interface with SPI and MICROWIRE allows simple
communications with common microcontrollers and proces-
sors. Shutdown mode can be used to optimize current drain
for different applications. A Manufacture’s/Device ID register
identifies the LM71 as National Semiconductor product.
1.1 POWER UP AND POWER DOWN
The LM71 always powers up in a known state. The power up
default condition is continuous conversion mode. Immedi-
ately after power up the LM71 will output an erroneous code
until the first temperature conversion has completed.
When the supply voltage is less than about 1.6V (typical),
the LM71 is considered powered down. As the supply volt-
age rises above the nominal 1.6V power up threshold, the
internal registers are reset to the power up default state
described above.
1.2 SERIAL BUS INTERFACE
The LM71 operates as a slave and is compatible with SPI or
MICROWIRE bus specifications. Data is clocked out on the
falling edge of the serial clock (SC), while data is clocked in
on the rising edge of SC. A complete transmit/receive com-
munication will consist of 32 serial clocks. The first 16 clocks
comprise the transmit phase of communication, while the
second 16 clocks are the receive phase.
When CS is high SI/O will be in TRI-STATE. Communication
should be initiated by taking chip select (CS) low. This
should not be done when SC is changing from a low to high
state. Once CS is low the serial I/O pin (SI/O) will transmit
the first bit of data. The master can then read this bit with the
rising edge of SC. The remainder of the data will be clocked
out by the falling edge of SC. CS can be taken high at any
time during the transmit phase. If CS is brought low in the
middle of a conversion the LM71 will complete the conver-
sion and the output shift register will be updated after CS is
brought back high.
The receive phase of a communication starts after 16 SC
periods. CS can remain low for 32 SC cycles. The LM71 will
read the data available on the SI/O line on the rising edge of
the serial clock. Input data is to an 8-bit shift register. The
part will detect the last eight bits shifted into the register. The
receive phase can last up to 16 SC periods. All ones must be
shifted in order to place the part into shutdown. All zeros
must be shifted in order to place the LM71 into continuous
conversion mode. Only the following codes should be trans-
mitted to the LM71:
00 hex for continuous conversion
FF hex for shutdown
Another code may place the part into a test mode. Test
modes are used by National Semiconductor to thoroughly
test the function of the LM71 during production testing. Only
eight bits have been defined above since only the last eight
transmitted are detected by the LM71, before CS is taken
HIGH.
The following communication can be used to determine the
Manufacturer’s/Device ID and then immediately place the
part into continuous conversion mode. With CS continuously
low:
Read 16 bits of temperature data
Write 16 bits of data commanding shutdown
Read 16 bits of Manufacture’s/Device ID data
Write 8 to 16 bits of data commanding Conversion Mode
Take CS HIGH.
Note that 300 ms will have to pass for a conversion to
complete before the LM71 actually transmits temperature
data.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com