Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA00-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA00-I/ST
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA00-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  24AA00-I/ST Datasheet HTML 1Page - Microchip Technology 24AA00-I/ST Datasheet HTML 2Page - Microchip Technology 24AA00-I/ST Datasheet HTML 3Page - Microchip Technology 24AA00-I/ST Datasheet HTML 4Page - Microchip Technology 24AA00-I/ST Datasheet HTML 5Page - Microchip Technology 24AA00-I/ST Datasheet HTML 6Page - Microchip Technology 24AA00-I/ST Datasheet HTML 7Page - Microchip Technology 24AA00-I/ST Datasheet HTML 8Page - Microchip Technology 24AA00-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 3
24AA00/24LC00/24C00
TABLE 1-2:
AC CHARACTERISTICS
All Parameters apply across all
recommended operating ranges
unless otherwise noted
Industrial (I):
TA = -40°C to +85°C,
VCC = 1.8V to 5.5V
Automotive (E):
TA = -40°C to +125°C, VCC = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
Clock frequency
FCLK
—
—
—
100
100
400
kHz
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Clock high time
THIGH
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Clock low time
TLOW
4700
4700
1300
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
SDA and SCL rise time
(Note 1)
TR
—
—
—
1000
1000
300
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
SDA and SCL fall time
TF
—300
ns
(Note 1)
Start condition hold time
THD:STA
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Start condition setup time
TSU:STA
4700
4700
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Data input hold time
THD:DAT
0—
ns
(Note 2)
Data input setup time
TSU:DAT
250
250
100
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Stop condition setup time
TSU:STO
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Output valid from clock
(Note 2)
TAA
—
—
—
3500
3500
900
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Bus free time: Time the bus must
be free before a new transmis-
sion can start
TBUF
4700
4700
1300
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
1.8V
Vcc 4.5V
4.5V
Vcc  5.5V
Output fall time from VIH
minimum to VIL maximum
TOF
20+0.1
CB
250
ns
(Note 1), CB
100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—50
ns
(Notes 1, 3)
Write cycle time
TWC
—4
ms
Endurance
1M
—
cycles (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com